Electronic Components Datasheet Search
  English  ▼

X  

AMS2263MP Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS2263MP
Description  Extended Burst Mode Control For Improved
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2263MP Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS2263MP Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GENERAL DESCRIPTION
AMS2263 is a highly integrated current mode PWM
control IC optimized for high performance, low
standby power and cost effective offline flyback
converter applications in sub 30W range.
PWM switching frequency at normal operation is
externally programmable and trimmed to tight
range. At no load or light load condition, the IC
operates in extended ‘burst mode’ to minimize
switching loss. Lower standby power and higher
conversion efficiency is thus achieved.
VDD low startup current and low operating
current contribute to a reliable power on startup
design with
AMS2263. A large value resistor could
thus be used in the startup circuit to minimize the
standby power.
The internal slope compensation improves
system large signal stability and reduces the
possible sub-harmonic oscillation at high PWM
duty cycle output. Leading-edge blanking on
current sense(CS) input removes the signal glitch
due to snubber circuit diode reverse recovery and
thus greatly reduces the external component
count and system cost in the design.
AMS2263 offers complete protection coverage with
automatic
self-recovery
feature
including
Cycle-by-Cycle current limiting (OCP), over load
protection (OLP), VDD over voltage clamp and
under voltage lockout (UVLO). The Gate-drive
output is clamped to maximum 18V to protect the
power MOSFET.
Excellent EMI performance is achieved with
frequency shuffling technique together with soft
switching control at the totem pole gate drive
output.
Tone energy at below 20KHZ is minimized in the
design and audio noise is eliminated during
operation.
AMS2263 is offered in SOT23-6, SOP-8
and DIP-8 packages.
FEATURES
Extended Burst Mode Control For Improved
Efficiency and Minimum Standby Power
Design.
Audio Noise Free Operation
External Programmable PWM Switching
Frequency
Internal Synchronized Slope Compensation
Low VDD Startup Current and Low Operating
Current (1.4mA)
Leading Edge Blanking on Current Sense
Input
Good
Protection
Coverage
With
Auto
Self-Recovery
VDD Over Voltage Clamp and Under Voltage
Lockout with Hysteresis (UVLO)
Gate Output Maximum Voltage Clamp (18V)
Line Input Compensated Cycle-by-Cycle
Over-current Threshold Setting For Constant
Output Power Limiting Over Universal Input
Voltage Range.
Overload Protection (OLP)
AMS 2263
1
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS2263MP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS222 ADMOS-AMS222 Datasheet
676Kb / 7P
COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
AMS222AM1 ADMOS-AMS222AM1 Datasheet
676Kb / 7P
COMPLIMENTARY OUTPUT OSCILLATOR/CLOCK GENERATOR
logo
Bourns Electronic Solut...
AMS22B BOURNS-AMS22B Datasheet
279Kb / 3P
AMS22B Non-Contacting Analog Rotary Position Sensor
AMS22B BOURNS-AMS22B Datasheet
270Kb / 2P
Non-Contacting Analog Rotary Position Sensor
AMS22B5A1BHAFL101N BOURNS-AMS22B5A1BHAFL101N Datasheet
270Kb / 2P
Non-Contacting Analog Rotary Position Sensor
More results

Similar Description - AMS2263MP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1856 TI1-UC1856_12 Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
UC1856J TI-UC1856J Datasheet
3Mb / 14P
Improved Current Mode PWM Controller
logo
STMicroelectronics
AN863 STMICROELECTRONICS-AN863 Datasheet
204Kb / 22P
Improved sensorless control with the ST62 MCU for universal motor
12-Jun-2008
logo
Linear Technology
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
logo
Skyworks Solutions Inc.
SKY77597 SKYWORKS-SKY77597_11 Datasheet
99Kb / 2P
Power control circuitry built-in for improved TRP variation
logo
Texas Instruments
UC1856-SP TI1-UC1856-SP Datasheet
563Kb / 24P
Improved Current-Mode PWM Controller
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
For extended common-mode RS-485
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
HT2273 HOTCHIP-HT2273 Datasheet
1Mb / 10P
Burst Mode Control
logo
Nanjing Qinheng Microel...
CH315 WCH-CH315 Datasheet
130Kb / 5P
USB Extended line control chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com