Electronic Components Datasheet Search
  English  ▼

X  

AMS2263MP Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS2263MP
Description  Extended Burst Mode Control For Improved
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS2263MP Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

Back Button AMS2263MP Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS2263MP Datasheet HTML 11Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
OPERATION DESCRIPTION
The
AMS2263 is a highly integrated PWM
controller
IC
optimized
for
offline
flyback
converter applications in sub 30W power range.
The extended burst mode control greatly reduces
the standby power consumption and helps the
design easily meet the international power
conservation requirements.
•
Startup Current and Start up Control
Startup current of
AMS2263 is designed to be very
low so that VDD could be charged up above
UVLO threshold level and device starts up quickly.
A large value startup resistor can therefore be
used to minimize the power loss yet provides
reliable startup in application.
For AC/DC
adaptor with universal input range design, a 2 MΩ,
1/8 W startup resistor could be used together with
a VDD capacitor to provide a fast startup and low
power dissipation solution.
•
Operating Current
The Operating current of
AMS2263 is low at 1.4mA.
Good efficiency is achieved with
AMS2263 low
operating current together with extended burst
mode control features.
•
Frequency shuffling for EMI improvement
The
frequency
Shuffling/jittering
(switching
frequency modulation) is
implemented in
AMS2263. The oscillation frequency is modulated
with a random source so that the tone energy is
spread out. The spread spectrum minimizes the
conduction band EMI and therefore reduces
system design challenge.
•
Extended Burst Mode Operation
At zero load or light load condition, majority of the
power dissipation in a switching mode power
supply is from switching loss on the MOSFET
transistor, the core loss of the transformer and the
loss on the snubber circuit. The magnitude of
power loss is in proportion to the number of
switching events within a fixed period of time.
Reducing switching events leads to the reduction
on the power loss and thus conserves the energy.
AMS2263 self adjusts the switching mode
according to the loading condition. At from no
load to light/medium load condition, the FB input
drops below burst mode threshold level. Device
enters Burst Mode control. The Gate drive output
switches only when VDD voltage drops below a
preset level and FB input is active to output an on
state. Otherwise the gate drive remains at off
state tominimize the switching loss and reduces
the standby power consumption to the greatest
extend. The frequency control also eliminates
the audio noise at any loading conditions.
•
Oscillator Operation
A resistor connected between RI and GND sets
the constant current source to charge/discharge
the internal cap and thus the PWM oscillator
frequency is determined.
The relationship
between RI and switching frequency follows the
below equation within the specified RI in Kohm
range at nominal loading operational condition.
•
Current Sensing and Leading Edge
Blanking
Cycle-by-Cycle current limiting is offered in
AMS2263 current mode PWM control. The switch
current is detected by a sense resistor into the
sense pin. An internal leading edge blanking
circuit chops off the sense voltage spike at initial
MOSFET on state due to Snubber diode reverse
recovery so that the external RC filtering on
AMS 2263
7
Advanced Monolithic Systems http://www.ams-semitech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com