Electronic Components Datasheet Search
  English  ▼

X  

LTC2255 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2255
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 5Page - Linear Technology LTC2255 Datasheet HTML 6Page - Linear Technology LTC2255 Datasheet HTML 7Page - Linear Technology LTC2255 Datasheet HTML 8Page - Linear Technology LTC2255 Datasheet HTML 9Page - Linear Technology LTC2255 Datasheet HTML 10Page - Linear Technology LTC2255 Datasheet HTML 11Page - Linear Technology LTC2255 Datasheet HTML 12Page - Linear Technology LTC2255 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2201
9
2201f
Normalized Full Scale
vs Temperature, Internal
Reference, 5 Units
Offset Voltage
vs Temperature, 5 Units
SFDR vs Input Common Mode
Voltage, fIN = 5MHz, –1dBFS,
PGA = 0
TEMPERATURE (°C)
–40
0.99
0.995
1
1.005
1.01
–20
0
20
40
2201 G16
60
80
TEMPERATURE (˚C)
–40
2
4
6
20
60
2201 G17
0
–2
–20
0
40
80
–4
–6
INPUT COMMON MODE VOLTAGE (V)
0.5
60
70
80
90
0.75
1
1.25
1.50
2201 G18
1.75
100
110
65
75
85
95
105
2
TYPICAL PERFORMANCE CHARACTERISTICS
TIME AFTER WAKE-UP OR CLOCK START (μs)
0
0.2
0.6
1.0
400
2201 G19
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
100
50
200
150
300 350
450
250
500
TIME FROM WAKE-UP OR CLOCK START (μs)
0
1
3
5
800
2201 G20
–1
–3
0
2
4
–2
–4
–5
200
100
400
300
600 700
900
500
1000
Mid-Scale Settling After Wake
Up from Shutdown or Starting
Encode Clock
Full-Scale Settling After Wake
Up from Shutdown or Starting
Encode Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com