Electronic Components Datasheet Search
  English  ▼

X  

LTC2255 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2255
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 15Page - Linear Technology LTC2255 Datasheet HTML 16Page - Linear Technology LTC2255 Datasheet HTML 17Page - Linear Technology LTC2255 Datasheet HTML 18Page - Linear Technology LTC2255 Datasheet HTML 19Page - Linear Technology LTC2255 Datasheet HTML 20Page - Linear Technology LTC2255 Datasheet HTML 21Page - Linear Technology LTC2255 Datasheet HTML 22Page - Linear Technology LTC2255 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC2201
19
2201f
Figure 12. Functional Equivalent Block Diagram of
Internal Dither Circuit
S/H
AMP
DIGITAL
SUMMATION
OUTPUT
DRIVERS
MULTIBIT DEEP
PSEUDO-RANDOM
NUMBER
GENERATOR
16-BIT
PIPELINED
ADC CORE
PRECISION
DAC
CLOCK/DUTY
CYCLE
CONTROL
CLKOUT+
CLKOUT–
OF
D15
D0
CLK
DITHER ENABLE
HIGH = DITHER ON
LOW = DITHER OFF
DITH
ANALOG
AIN
+
AIN
–
INPUT
2201 F12
LTC2201
Internal Dither
The LTC2201 is a 16-bit ADC with a very linear transfer
function; however, at low input levels even slight imperfec-
tions in the transfer function will result in unwanted tones.
Small errors in the transfer function are usually a result
of ADC element mismatches. An optional internal dither
mode can be enabled to randomize the input’s location
on the ADC transfer curve, resulting in improved SFDR
for low signal levels.
As shown in Figure 12, the output of the sample-and-hold
amplifier is summed with the output of a dither DAC. The
dither DAC is driven by a long sequence pseudo-random
number generator; the random number fed to the dither
DAC is also subtracted from the ADC result. If the dither
DAC is precisely calibrated to the ADC, very little of the
dither signal will be seen at the output. The dither signal
that does leak through will appear as white noise. The dither
DAC is calibrated to result in less than 0.5dB elevation in
the noise floor of the ADC, as compared to the noise floor
with dither off.
Grounding and Bypassing
The LTC2201 require a printed circuit board with a
clean unbroken ground plane; a multilayer board with an
internal ground plane is recommended. The pinout of the
LTC2201 has been optimized for a flowthrough layout so
that the interaction between inputs and digital outputs is
minimized. Layout for the printed circuit board should
ensure that digital and analog signal lines are separated
as much as possible. In particular, care should be taken
not to run any digital track alongside an analog signal
track or underneath the ADC.
High quality ceramic bypass capacitors should be used
at the VDD, VCM, and OVDD pins. Bypass capacitors must
be located as close to the pins as possible. The traces
connecting the pins and bypass capacitors must be kept
short and should be made as wide as possible.
The LTC2201 differential inputs should run parallel and
close to each other. The input traces should be as short
as possible to minimize capacitance and to minimize
noise pickup.
Heat Transfer
Most of the heat generated by the LTC2201 is transferred
from the die through the bottom-side exposed pad. For
good electrical and thermal performance, the exposed
pad must be soldered to a large grounded pad on the PC
board. It is critical that the exposed pad and all ground
pins are connected to a ground plane of sufficient area
with as many vias as possible.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com