Electronic Components Datasheet Search
  English  ▼

X  

LTC2255 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2255
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 11Page - Linear Technology LTC2255 Datasheet HTML 12Page - Linear Technology LTC2255 Datasheet HTML 13Page - Linear Technology LTC2255 Datasheet HTML 14Page - Linear Technology LTC2255 Datasheet HTML 15Page - Linear Technology LTC2255 Datasheet HTML 16Page - Linear Technology LTC2255 Datasheet HTML 17Page - Linear Technology LTC2255 Datasheet HTML 18Page - Linear Technology LTC2255 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC2201
15
2201f
Figure 5 demonstrates the use of an LTC1994 differential
amplifier to convert a single ended input signal into a
differential input signal. The advantage of this method is
that it provides low frequency input response; however,
the limited gain bandwidth of any op amp will limit the
SFDR at high input frequencies.
The internal programmable gain amplifier provides the
internal reference voltage for the ADC. This amplifier has
very stringent settling requirements and is not accessible
for external use.
Figure 5. DC Coupled Input with Differential Amplifier
VCM
2201 F05
–
–
+
+
CM LT1994
499Ω
100pF
100pF
100pF
2.2 μF
499Ω
523Ω
25Ω
25Ω
499Ω
53.6Ω
AIN
+
AIN
–
LTC2201
Figure 6. Reference Circuit
PGA
1.25V
SENSE
VCM
BUFFER
INTERNAL
ADC
REFERENCE
RANGE
SELECT
AND GAIN
CONTROL
2.5V
BANDGAP
REFERENCE
2.2μF
TIE TO VDD TO USE
INTERNAL 2.5V
REFERENCE
OR INPUT FOR
EXTERNAL 2.5V
REFERENCE
OR INPUT FOR
EXTERNAL 1.25V
REFERENCE
2201 F06
LTC2201
Figure 7. A 2.5V Range ADC
with an External 2.5V Reference
VCM
SENSE
1.25V
3.3V
2.2μF
2.2μF
1μF
2201 F07
LT1461-2.5
2
6
4
LTC2201
The SENSE pin can be driven ±5% around the nominal 2.5V
or 1.25V external reference input. This adjustment range
can be used to trim the ADC gain error or other system
gain errors. When selecting the internal reference, the
SENSE pin should be tied to VDD as close to the converter
as possible. If the sense pin is driven externally it should
be bypassed to ground as close to the device as possible
with at least a 1μF ceramic capacitor.
APPLICATIONS INFORMATION
The 25Ω resistors and 12pF capacitor on the analog
inputs serve two purposes: isolating the drive circuitry
from the sample-and-hold charging glitches and limiting
the wideband noise at the converter input.
Reference Operation
Figure 6 shows the LTC2201 reference circuitry consisting
of a 2.5V bandgap reference, a programmable gain ampli-
fier and control circuit. The LTC2201 has three modes of
reference operation: Internal Reference, 1.25V external
reference or 2.5V external reference. To use the internal
reference, tie the SENSE pin to VDD. To use the external
reference, simply apply either a 1.25V or 2.5V reference
voltage to the SENSE input pin. Both 1.25V and 2.5V applied
to SENSE will result in a full scale range of 2.5VP-P (PGA =
0). A 1.25V output, VCM, is provided for a common mode
bias for input drive circuitry. An external bypass capacitor is
required for the VCM output. This provides a high frequency
low impedance path to ground for internal and external
circuitry. This is also the compensation capacitor for the
reference; it will not be stable without this capacitor. The
minimum value required for stability is 2.2μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com