Electronic Components Datasheet Search
  English  ▼

X  

LTC2255 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2255
Description  16-Bit, 20Msps ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2255 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2255 Datasheet HTML 8Page - Linear Technology LTC2255 Datasheet HTML 9Page - Linear Technology LTC2255 Datasheet HTML 10Page - Linear Technology LTC2255 Datasheet HTML 11Page - Linear Technology LTC2255 Datasheet HTML 12Page - Linear Technology LTC2255 Datasheet HTML 13Page - Linear Technology LTC2255 Datasheet HTML 14Page - Linear Technology LTC2255 Datasheet HTML 15Page - Linear Technology LTC2255 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC2201
12
2201f
DYNAMIC PERFORMANCE
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N+D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band lim-
ited to frequencies above DC to below half the sampling
frequency.
Signal-to-Noise Ratio
The signal-to-noise (SNR) is the ratio between the RMS
amplitude of the fundamental input frequency and the RMS
amplitude of all other frequency components, except the
first five harmonics.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum
of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD
is expressed as:
THD = –20Log
(√(V22 + V32 + V42 + ... VN2)/V1)
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the second
through nth harmonics.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused
by the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are ap-
plied to the ADC input, nonlinearities in the ADC transfer
function can create distortion products at the sum and
difference frequencies of mfa ± nfb, where m and n =
0, 1, 2, 3, etc. For example, the 3rd order IMD terms
include (2fa + fb), (fa + 2fb), (2fa - fb) and (fa - 2fb). The
3rd order IMD is defined as the ratio of the RMS value
of either input tone to the RMS value of the largest 3rd
order IMD product.
Spurious Free Dynamic Range (SFDR)
The ratio of the RMS input signal amplitude to the RMS
value of the peak spurious spectral component expressed
in dBc. SFDR may also be calculated relative to full scale
and expressed in dBFS.
Full Power Bandwidth
The Full Power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is reduced
by 3dB for a full scale input signal.
Aperture Delay Time
The time from when CLK reaches 0.45 of VDD to the
instant that the input signal is held by the sample-and-
hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion
to conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2
π • fIN • tJITTER)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com