Electronic Components Datasheet Search
  English  ▼

X  

LT1672 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1672
Description  Ultralow Voltage Step-Up Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1672 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1672 Datasheet HTML 13Page - Linear Technology LT1672 Datasheet HTML 14Page - Linear Technology LT1672 Datasheet HTML 15Page - Linear Technology LT1672 Datasheet HTML 16Page - Linear Technology LT1672 Datasheet HTML 17Page - Linear Technology LT1672 Datasheet HTML 18Page - Linear Technology LT1672 Datasheet HTML 19Page - Linear Technology LT1672 Datasheet HTML 20Page - Linear Technology LT1672 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC3108
17
3108fb
APPLICATIONS INFORMATION
at which the load pulses can occur for a given output cur-
rent from the LTC3108 will also be shown.
In this example, VOUT is set to 3.3V, and the maximum
allowed voltage droop during a transmit burst is 10%, or
0.33V. The duration of a transmit burst is 1ms, with a total
average current requirement of 40mA during the burst.
Given these factors, the minimum required capacitance
on VOUT is:
≥=
C(μF)
40mA • 1ms
0.33V
121μF
OUT
Note that this equation neglects the effect of capacitor
ESR on output voltage droop. For most ceramic or low
ESR tantalum capacitors, the ESR will have a negligible
effect at these load currents.
A standard value of 150μF or larger could be used for COUT
in this case. Note that the load current is the total current
draw on VOUT, VOUT2 and VLDO, since the current for all of
these outputs must come from VOUTduringaburst.Current
contribution from the holdup capacitor on VSTORE is not
considered, since it may not be able to recharge between
bursts. Also, it is assumed that the charge current from
the LTC3108 is negligible compared to the magnitude of
the load current during the burst.
To calculate the maximum rate at which load bursts can
occur, determine how much charge current is available
from the LTC3108 VOUT pin given the input voltage source
being used. This number is best found empirically, since
there are many factors affecting the efficiency of the
converter. Also determine what the total load current is
on VOUT during the sleep state (between bursts). Note
that this must include any losses, such as storage ca-
pacitor leakage.
Assume, for instance, that the charge current from the
LTC3108 is 50μA and the total current drawn on VOUT in
the sleep state is 17μA, including capacitor leakage. In
addition, use the value of 150μF for the VOUT capacitor.
The maximum transmit rate (neglecting the duration of
the transmit burst, which is typically very short) is then
given by:
=
−
==
t
150μF • 0.33V
(50μA 17μA)
1.5sec or f
0.666Hz
MAX
Therefore, in this application example, the circuit can sup-
port a 1ms transmit burst every 1.5 seconds.
It can be determined that for systems that only need to
transmit every few seconds (or minutes or hours), the
average charge current required is extremely small, as
long as the sleep current is low. Even if the available
charge current in the example above was only 10μA and
the sleep current was only 5μA, it could still transmit a
burst every ten seconds.
The following formula enables the user to calculate the
time it will take to charge the LDO output capacitor and
the VOUT capacitor the first time, from 0V. Here again,
the charge current available from the LTC3108 must be
known. For this calculation, it is assumed that the LDO
output capacitor is 2.2μF.
=
−
t
2.2V • 2.2μF
II
LDO
CHG
LDO
If there were 50μA of charge current available and a 5μA
load on the LDO (when the processor is sleeping), the time
for the LDO to reach regulation would be 107ms.
If VOUT were programmed to 3.3V and the VOUT capacitor
was 150μF, the time for VOUT to reach regulation would be:
=
−−
+
t
3.3V • 150μF
II
I
t
VOUT
CHG
VOUT
LDO
LDO
If there were 50μA of charge current available and 5μA of
load on VOUT, the time for VOUT to reach regulation after
the initial application of power would be 12.5 seconds.
Design Example 2
In many pulsed load applications, the duration, magnitude
and frequency of the load current bursts are known and
fixed. In these cases, the average charge current required
from the LTC3108 to support the average load must be
calculated, which can be easily done by the following:
≥+
II
I• t
T
CHG
Q
BURST
Where IQ is the sleep current on VOUT required by the ex-
ternal circuitry in between bursts (including cap leakage),
IBURST is the total load current during the burst, t is the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com