Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4265
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology LTC4265 Datasheet HTML 10Page - Linear Technology LTC4265 Datasheet HTML 11Page - Linear Technology LTC4265 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LTC4278
8
4278fc
TEMPERATURE (°C)
–50
1.240
1.245
1.250
25
75
4278 G23
1.235
1.230
–25
0
50
100
125
1.225
1.220
TEMPERATURE (°C)
–50
3.4
3.5
3.7
25
75
4278 G24
3.3
3.2
–25
0
50
100
125
3.1
3.0
3.6
TEMPERATURE (°C)
–50
23
25
4278 G25
20
18
–25
0
50
17
16
15
22
21
19
75
100 125
CAPACITANCE (nF)
0
80
70
60
50
40
30
20
10
0
8
4278 G26
2
4
6
10
7
1
3
5
9
TA = 25°C
FALL TIME
RISE TIME
TYPICAL PERFORMANCE CHARACTERISTICS
UVLO vs Temperature
IUVLO Hysteresis vs Temperature
Soft-Start Charge Current
vs Temperature
PG, SG Rise and Fall Times
vs Load Capacitance
TEMPERATURE (°C)
–50
60
65
70
25
75
4278 G20
55
50
–25
0
50
100 125
45
40
SOURCE CURRENT
VFB = 1.1V
SINK
CURRENT
VFB = 1.4V
TEMPERATURE (°C)
–50
900
950
1000
1050
1100
–25
0
25
50
4278 G21
75
100 125
Feedback Amplifier Source and
Sink Current vs Temperature
Feedback Amplifier gm
vs Temperature
TEMPERATURE (°C)
–50
1550
25
4278 G22
1400
1300
–25
0
50
1250
1200
1150
1100
1600
1650
1700
1500
1450
1350
75
100 125
Feedback Amplifier Voltage Gain
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com