Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC4265
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 34Page - Linear Technology LTC4265 Datasheet HTML 35Page - Linear Technology LTC4265 Datasheet HTML 36Page - Linear Technology LTC4265 Datasheet HTML 37Page - Linear Technology LTC4265 Datasheet HTML 38Page - Linear Technology LTC4265 Datasheet HTML 39Page - Linear Technology LTC4265 Datasheet HTML 40Page - Linear Technology LTC4265 Datasheet HTML 41Page - Linear Technology LTC4265 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
LTC4278
40
4278fc
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WXXX)
IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
BOTTOM VIEW—EXPOSED PAD
R = 0.115
TYP
0.20 ±0.05 1
16
17
32
6.00 REF
6.43 ±0.10
2.65 ±0.10
4.00 ±0.10
0.75 ±0.05
0.00 – 0.05
0.200 REF
7.00 ±0.10
(DKD32) QFN 0707 REV A
0.40 BSC
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45° CHAMFER
6.43 ±0.05
2.65 ±0.05
0.70 ±0.05
0.40 BSC
6.00 REF
3.10 ±0.05
4.50 ±0.05
0.40 ±0.10
0.20 ±0.05
PACKAGE
OUTLINE
R = 0.05
TYP
DKD Package
32-Lead Plastic DFN (7mm
× 4mm)
(Reference LTC DWG # 05-08-1734 Rev A)
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WXXX)
IN JEDEC PACKAGE OUTLINE M0-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
BOTTOM VIEW—EXPOSED PAD
R = 0.115
TYP
0.20 ±0.05 1
16
17
32
6.00 REF
6.43 ±0.10
2.65 ±0.10
4.00 ±0.10
0.75 ±0.05
0.00 – 0.05
0.200 REF
7.00 ±0.10
(DKD32) QFN 0707 REV A
0.40 BSC
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP OR
0.35
× 45° CHAMFER
6.43 ±0.05
2.65 ±0.05
0.70 ±0.05
0.40 BSC
6.00 REF
3.10 ±0.05
4.50 ±0.05
0.40 ±0.10
0.20 ±0.05
PACKAGE
OUTLINE
R = 0.05
TYP
DKD Package
32-Lead Plastic DFN (7mm
× 4mm)
(Reference LTC DWG # 05-08-1734 Rev A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com