Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4265
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 19Page - Linear Technology LTC4265 Datasheet HTML 20Page - Linear Technology LTC4265 Datasheet HTML 21Page - Linear Technology LTC4265 Datasheet HTML 22Page - Linear Technology LTC4265 Datasheet HTML 23Page - Linear Technology LTC4265 Datasheet HTML 24Page - Linear Technology LTC4265 Datasheet HTML 25Page - Linear Technology LTC4265 Datasheet HTML 26Page - Linear Technology LTC4265 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
LTC4278
23
4278fc
APPLICATIONS INFORMATION
+
–
VFB
1.237V
ENABLE
COLLAPSE
DETECT
1V
LTC4278 FEEDBACK AMP
FB
R1
R2
16
17
VCMP
VIN
PRIMARY
FLYBACK
SECONDARY
•
•
•
MP
T1
VFLBK
MS
CVCMP
4278 F10a
COUT
ISOLATED
OUTPUT
+
S
R
Q
PRIMARY-SIDE
MOSFET DRAIN
VOLTAGE
PG VOLTAGE
SG VOLTAGE
VIN
tON(MIN)
ENABLE
DELAY
MIN ENABLE
FEEDBACK
AMPLIFIER
ENABLED
PG DELAY
4278 F10b
VFLBK
0.8 • VFLBK
Figure 10a. LTC4278 Switching Regulator Feedback Amplifier
Figure 10b. LTC4278 Switching Regulator Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com