Electronic Components Datasheet Search
  English  ▼

X  

LTC4265 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC4265
Description  Synchronous No-Opto Flyback Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 30Page - Linear Technology LTC4265 Datasheet HTML 31Page - Linear Technology LTC4265 Datasheet HTML 32Page - Linear Technology LTC4265 Datasheet HTML 33Page - Linear Technology LTC4265 Datasheet HTML 34Page - Linear Technology LTC4265 Datasheet HTML 35Page - Linear Technology LTC4265 Datasheet HTML 36Page - Linear Technology LTC4265 Datasheet HTML 37Page - Linear Technology LTC4265 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LTC4278
34
4278fc
design evaluates the switcher for short-circuit protection
and adds any additional circuitry to prevent destruction.
Output Voltage Error Sources
The LTC4278’s feedback sensing introduces additional
minor sources of errors. The following is a summary list:
• Theinternalbandgapvoltagereferencesetsthereference
voltage for the feedback amplifier. The specifications
detail its variation.
• The external feedback resistive divider ratio directly
affects regulated voltage. Use 1% components.
• Leakage inductance on the transformer secondary
reduces the effective secondary-to-feedback winding
turns ratio (NS/NF) from its ideal value. This increases
the output voltage target by a similar percentage. Since
secondary leakage inductance is constant from part to
part (within a tolerance) adjust the feedback resistor
ratio to compensate.
• The transformer secondary current flows through the
impedances of the winding resistance, synchronous
MOSFET RDS(ON) and output capacitor ESR. The DC
equivalent current for these errors is higher than the
load current because conduction occurs only during
the converter’s off-time. So, divide the load current by
(1 – DC).
Iftheoutputloadcurrentisrelativelyconstant,thefeedback
resistive divider is used to compensate for these losses.
Otherwise, use the LTC4278 load compensation circuitry
(see Load Compensation). If multiple output windings are
used, the flyback winding will have a signal that represents
an amalgamation of all these windings impedances. Take
carethatyouexamineworst-caseloadingconditionswhen
tweaking the voltages.
Power MOSFET Selection
ThepowerMOSFETsareselectedprimarilyonthecriteriaof
on-resistance RDS(ON),inputcapacitance,drain-to-source
breakdown voltage (BVDSS), maximum gate voltage (VGS)
and maximum drain current (ID(MAX)).
For the primary-side power MOSFET, the peak current is:
IPK(PRI) =
PIN
VIN(MIN) •DCMAX
• 1+ XMIN
2
APPLICATIONS INFORMATION
where XMINispeak-to-peakcurrentratioasdefinedearlier.
For each secondary-side power MOSFET, the peak cur-
rent is:
IPK(SEC) =
IOUT
1−DCMAX
• 1+ XMIN
2
Select a primary-side power MOSFET with a BVDSS
greater than:
BVDSS ≥IPK
LLKG
CP
+ VIN(MAX) +
VOUT(MAX)
NSP
where NSP reflects the turns ratio of that secondary-to
primary winding. LLKG is the primary-side leakage induc-
tanceandCPistheprimary-sidecapacitance(mostlyfrom
the drain capacitance (COSS) of the primary-side power
MOSFET). A clamp may be added to reduce the leakage
inductance as discussed.
Foreachsecondary-sidepowerMOSFET,theBVDSSshould
be greater than:
BVDSS ≥ VOUT + VIN(MAX) • NSP
Choose the primary-side MOSFET RDS(ON) at the nominal
gatedrivevoltage(7.5V).Thesecondary-sideMOSFETgate
drive voltage depends on the gate drive method.
Primary-side power MOSFET RMS current is given by:
IRMS(PRI) =
PIN
VIN(MIN) DCMAX
For each secondary-side power MOSFET RMS current is
given by:
IRMS(SEC) =
IOUT
1– DCMAX
Calculate MOSFET power dissipation next. Because the
primary-side power MOSFET operates at high VDS, a
transitionpowerlosstermisincludedforaccuracy.CMILLER
is the most critical parameter in determining the transition
loss, but is not directly specified on the data sheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com