Electronic Components Datasheet Search
  English  ▼

X  

TLE4203 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # TLE4203
Description  4-A DC Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4203 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  TLE4203 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLE 4203
Semiconductor Group
5
1998-02-01
Circuit Description
Input Circuit
The control inputs consist of TTL and CMOS-compatible Schmitt triggers with hysteresis.
Buffer amplifiers, controlled from these stages, convert the logic signal into the form
required for driving the power output stages.
Output Stages
The output stages consist of two push-pull C stages. Using protective circuits for limiting
the power dissipation makes the outputs short-circuit proof to ground and to supply
voltage throughout the entire operating range. Positive and negative voltage peaks,
which occur when switching inductive loads, are limited by integrated power diodes.
Monitoring and Protecting Functions
The IC is protected against thermal overloads by a temperature protecting circuit.
In addition an internal circuit ensures that all output transistors are blocked for supply
voltages below operating range.
A monitoring stage logic for each output stage transistor detects whether the relevant
transistor is active and in this case for sink operation (source operation) prevents the
corresponding source transistor (sink transistor) from being turned on. Direct cross-over
currents are effectively prevented with this method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com