Electronic Components Datasheet Search
  English  ▼

X  

TLE4203 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # TLE4203
Description  4-A DC Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4203 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button TLE4203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 9Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 10Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TLE 4203
Semiconductor Group
7
1998-02-01
1) measured to + V
S
Characteristics
V
S = 8 to 18 V, Tj = – 25 to 125 °C (typ. VS = 12 V; Tj = 25 °C)
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ.
max.
General Characteristics
Quiescent current
Quiescent current
I
q
I
q
–
–
70
180
100
230
mA
mA
V
I1 = VI2 > VIH
V
I1 = VI2 < VIL
Logic
Control inputs
H-input voltage
L-input voltage
Hysteresis of
input voltage
H-input current
L-input current
V
IH
V
IL
∆V
I
I
IH
–
I
IL
2.8
–
–
–
–
–
–
0.7
–
–
–
1.2
–
10
10
V
V
V
µA
µA
–
–
–
V
I = 5 V
V
I = 0.5 V
V
S = 8 to 18 V, TC = – 25 to 125 °C
Switching Stages
Saturation voltages
to +
V
S
to +
V
S
to +
V
S
to ground
to ground
to ground
V
QSato
V
QSato
V
QSato
V
QSatu
V
QSatu
V
QSatu
–
–
–
–
–
–
1.1
1.5
2.5
0.3
0.6
1.6
1.3
1.8
3.5
0.6
1
3.2
V
V
V
V
V
V
V
I 1, 2 > VIH; IQ = – 1 A
1)
V
I 1, 2 > VIH; IQ = – 2 A
1)
V
I 1, 2 > VIH; IQ = – 4 A
1)
V
I 1, 2 < VIL; IQ = 1 A
V
I 1, 2 < VIL; IQ = 2 A
V
I 1, 2 < VIL; IQ = 4 A
Forward Voltages
Diode to +
V
S
Diode to +
V
S
Diode of +
V
S
Diode to ground
Diode to ground
Diode to ground
–
V
QFo
–
V
QFo
–
V
QFo
–
V
QFu
–
V
QFu
–
V
QFu
–
–
–
–
–
–
0.95
1.05
1.30
0.95
1
1.20
1.3
1.5
1.8
1.3
1.5
1.8
V
V
V
V
V
V
V
I 1/ 2 > VIH; IQ = 1 A
1)
V
I 1/ 2 > VIH; IQ = 2 A
1)
V
I 1/ 2 > VIH; IQ = 4 A
1)
V
I 1/ 2 < VIL; IQ = – 1 A
V
I 1/ 2 < VIL; IQ = – 2 A
V
I 1/ 2 < VIL; IQ = – 4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com