Electronic Components Datasheet Search
  English  ▼

X  

TLE4203 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # TLE4203
Description  4-A DC Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4203 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  TLE4203 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLE 4203
Semiconductor Group
2
1998-02-01
.
Figure 1
Pin Configuration (top view)
Pin Definition and Functions
Pin No.
Symbol
Function
1IST1
Control input for channel 1 (TTL/CMOS-compatible), of
non-inverting effect on the channel output.
2
V
S1
Channel 1 supply voltage; externally connected with the
supply voltage pin for channel 2 (pin 6).
3Q1
Short-circuit protected push-pull C output channel 1 for
currents up to 6 A. Free-wheeling diodes are integrated on
chip for inductive loads.
4GND 1, 2
Ground; track should be designed for the max. short-circuit
current (2 x 6 A).
5Q2
Short-circuit protected push-pull C output channel 2 for
currents up to 6 A. Free-wheeling diodes are integrated on
chip for inductive loads.
6
V
S2
Channel 2 supply voltage; externally connected with the
supply voltage pin for channel 1 (pin 2).
7IST2
Control input for channel 2 (TTL/CMOS-compatible), of
non-inverting effect on the channel output.
AEP00618
IST1
Q1
Q2
IST2
GND
V
S1
S2
V
4
3
2
15
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com