Electronic Components Datasheet Search
  English  ▼

X  

TLE4203 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE4203
Description  4-A DC Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE4203 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE4203 Datasheet HTML 1Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 2Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE4203 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TLE 4203
Semiconductor Group
4
1998-02-01
Application
In industrial and automotive electronics, power full-bridge DC motor drivers are mostly
used for bidirectional motor drives. The two TTL and CMOS-compatible control inputs
act on the output as follows:
V
QL means:
Lower power unit conducting; upper power unit blocked.
V
QH means:
Upper power unit conducting; lower power unit blocked.
The following examples illustrate the operation:
Status 1: Motor is slowed down
Status 2: Motor turns right
Status 3: Motor turns left
Status 4: Motor is slowed down
Status
Input 1
Input 2
Output 1
Output 2
1L
L
V
QL
V
QL
2L
H
V
QL
V
QH
3H
L
V
QH
V
QL
4H
H
V
QH
V
QH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com