Electronic Components Datasheet Search
  English  ▼

X  

TLE5203 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # TLE5203
Description  3-A DC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5203 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button TLE5203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 9Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 10Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 11Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 12Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Semiconductor Group
9
1998-02-01
TLE 5203
1) Values for RDSON are for t > 100
µs after applying + V
S.
Outputs
RDSONU
RDSONU
RDSONL
RDSONL
Diode forward voltage
Diode forward voltage
Pull up/pull down
–
–
–
–
V
FU
V
FL
R
–
–
–
–
–
–
5
–
–
–
–
–
–
10
0.4
0.65
0.4
0.65
1.5
1.5
25
Ω
Ω
Ω
Ω
V
V
k
Ω
V
S > 6 V; Tj = 25 °C
1)
V
S > 6 V; Tj = 150 °C
1)
V
S > 6 V; Tj = 25 °C
1)
V
S > 6 V; Tj = 150 °C
1)
I
F = 3 A
I
F = 3 A
–
Electrical Characteristics (cont’d)
V
S = 6 to 18 V; Tj = – 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com