Electronic Components Datasheet Search
  English  ▼

X  

TLE5203 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # TLE5203
Description  3-A DC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5203 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  TLE5203 Datasheet HTML 1Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 2Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Semiconductor Group
1
1998-02-01
Description
TLE 5203 is an integrated power bridge with DMOS output stages for driving DC motors.
This motor bridge is optimized for driving DC motors in reversible operation. The internal
protective circuitry in particular ensures that no crossover currents can occur.
Because the free-wheeling diodes are integrated, the external circuitry that is necessary
is reduced to the capacitors on the supply voltage.
The control inputs have TTL/CMOS-compatible levels.
1) SIEMENS Power Technology
3-A DC Motor Driver
Overview
SPT IC 1)
TLE 5203
P-TO220-7-1
P-TO220-7-8
Type
Ordering Code
Package
TLE 5203
Q67000-A9096
P-TO220-7-1
TLE 5203 G
Q67006-A9242
P-TO220-7-8
Features
• Output current
± 3 A
• I/O error diagnostics
• Short-circuit proof
• Four-quadrant operation
• Integrated free-wheeling diodes
• Wide temperature range
• Open load detection
• Break low, if break high required, the device
TLE 5204 will fit


Similar Part No. - TLE5203

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
3-A DC Motor Driver
TLE5204G SIEMENS-TLE5204G Datasheet
147Kb / 15P
3-A DC Motor Driver
logo
Infineon Technologies A...
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
342Kb / 25P
5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5205-2G INFINEON-TLE5205-2G Datasheet
214Kb / 23P
5-A H-Bridge for DC-Motor Applications
2001-06-19
More results

Similar Description - TLE5203

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
2-A DC Motor Driver
TLE4203 SIEMENS-TLE4203 Datasheet
100Kb / 12P
4-A DC Motor Driver
TLE4205 SIEMENS-TLE4205 Datasheet
133Kb / 13P
1-A DC Motor Driver
TLE5204 SIEMENS-TLE5204 Datasheet
147Kb / 15P
3-A DC Motor Driver
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Siemens Semiconductor G...
TLE4204 SIEMENS-TLE4204 Datasheet
257Kb / 9P
3-A MOTOR DRIVER
logo
Infineon Technologies A...
TLE4205 INFINEON-TLE4205 Datasheet
120Kb / 13P
1-A DC Motor Driver
2004-02-25
TLE4205G INFINEON-TLE4205G_15 Datasheet
1Mb / 14P
1-A DC Motor Driver
Rev. 1.1, 2015-01-15
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
3-phase Brushless DC Motor Driver
March, 2014
logo
Allegro MicroSystems
A4938 ALLEGRO-A4938_16 Datasheet
247Kb / 10P
3-Phase Brushless DC Motor Pre-Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com