Electronic Components Datasheet Search
  English  ▼

X  

TLE5203 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # TLE5203
Description  3-A DC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5203 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  TLE5203 Datasheet HTML 1Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 2Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Semiconductor Group
3
1998-02-01
TLE 5203
Pin Definitions and Functions
Circuit Description
Input Circuit
The control inputs consist of TTL/CMOS-compatible Schmitt triggers with hysteresis.
Buffer amplifiers are driven by these stages and convert the logic signal into the
necessary form for driving the power output stages.
Output Stages
The output stages form a switched H-bridge. Protective circuits make the outputs short-
circuit proof to ground and to the supply voltage throughout the operating range. Positive
and negative voltage spikes, which occur when switching inductive loads, are clamped
by integrated power diodes.
Pin No.
Symbol
Function
1Q1
Output of channel 1; Short-circuit proof, free-wheeling
diodes integrated for inductive loads
2EF
Error flag; TTL/CMOS-compatible output for error detection
(open drain)
3
I1
Control input 1; TTL/CMOS-compatible
4GND
Ground; connected internally to cooling fin
5
I2
Control input 2; TTL/CMOS-compatible
6
V
S
Supply voltage; wire with capacitor matching load
7Q2
Output of channel 2; Short-circuit proof, free-wheeling
diodes integrated for inductive loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com