Electronic Components Datasheet Search
  English  ▼

X  

TLE5203 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TLE5203
Description  3-A DC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TLE5203 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TLE5203 Datasheet HTML 1Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 2Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 3Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 4Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 5Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 6Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 7Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 8Page - Siemens Semiconductor Group TLE5203 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLE 5203
Semiconductor Group
4
1998-02-01
Monitoring Functions
An internal circuit ensures that all output transistors are turned-OFF if the supply voltage
is below the operating range.
A monitoring circuit for each output transistor detects whether the particular transistor is
active and in this case prevents the corresponding source transistor (sink transistor) from
conducting in sink operation (source operation). Therefore no crossover currents can
occur. Pulse-width operation is possible up to a maximum switching frequency of 1 kHz
for any load.
Depending on the load current higher frequencies are possible.
Protective Function
Various errors like short-circuit to +
V
S, ground or across the load are detected. All faults
result in turn-OFF of the output stages after a delay of 40
µs and setting of the error flag
EF to ground. Changing the inputs resets the error flag.
Output Shorted to Ground Detection
If a high side transistor is switched on and its output is shorted to ground, the output
current is limited to typ 8 A. After a delay of 40
µs all outputs will be switched off and the
error flag EF is set to ground.
Functional Truth Table
E1
E2
Q1
Q2
Comments
L
L
H
L
Motor turns counterclockwise
L
H
L
H
Motor turns clockwise
H
LLLBrake; both low side transistors turned-ON
H
H
Z
Z
Open circuit detection
Notes for Output Stage
Symbol
Value
L
Low side transistor is turned-ON
High side transistor is turned-OFF
H
High side transistor is turned-ON
Low side transistor is turned-OFF
Z
High side transistor is turned-OFF
Low side transistor is turned-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com