Electronic Components Datasheet Search
  English  ▼

X  

SE103 Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE103
Description  LightCharger??2.5 Gb/s Transimpedance Amplifier Final
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE103 Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE103 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 9Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SE1030W
LightCharger
™ 2.5 Gb/s Transimpedance Amplifier
Final
43-DST-01
§ Rev 1.5 § May 24/02
2 of 9
Bondpad Diagram
Top
View
VCC
VCC
VEE2
VEE1
VEE1
VEE1
TZ_IN
OUTN
OUTP
VCC
11
10
9
7
6
5
4
3
8
1
2
DNC
Bondpad Description
Pad No.
Name
Description
1
VCC
Positive supply (+3.3 V), pads 1, 8 & 11 are connected on chip. Only one pad needs
to be bonded.
2
DNC
Do not connect.
3
TZ_IN
Input pad (connect to photodetector anode).
4
VEE2
Negative supply (0V) – Note this is separate ground for the input stage, which is AC
coupled on chip. There is no DC current through this pad.
5
VEE1
Negative supply (0V), pads 5, 6 & 7 are connected on chip. Only one pad needs to be
bonded.
6
VEE1
Negative supply (0V), pads 5, 6 & 7 are connected on chip. Only one pad needs to be
bonded.
7
VEE1
Negative supply (0V), pads 5, 6 & 7 are connected on chip. Only one pad needs to be
bonded.
8
VCC
Positive supply (+3.3 V), pads 1, 8 & 11 are connected on chip. Only one pad needs
to be bonded.
9
OUTN
Negative differential voltage output.
10
OUTP
Positive differential voltage output.
11
VCC
Positive supply (+3.3 V), pads 1, 8 & 11 are connected on chip. Only one pad needs
to be bonded.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com