Electronic Components Datasheet Search
  English  ▼

X  

SE103 Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # SE103
Description  LightCharger??2.5 Gb/s Transimpedance Amplifier Final
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE103 Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  SE103 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 9Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SE1030W
LightCharger
™ 2.5 Gb/s Transimpedance Amplifier
Final
43-DST-01
§ Rev 1.5 § May 24/02
3 of 9
Functional Description
Amplifier Front-End
The transimpedance front-end amplifies an input
current from a photodetector, at pin TZ_IN, to produce
a differential output voltage with the feedback resistor
Rf determining the level of amplification (see the
functional block diagram on page 1). An automatic
gain control loop varies this resistor, to ensure that
the output from the front-end does not saturate the
output driver stage that follows. This gain control
allows input signals of up to 2.6 mA peak.
The input pin TZ_IN is biased at 1.5 V below the
supply voltage VCC, allowing a photodetector to have
a constant reverse bias by connecting the cathode to
3.3 V. This enables full single rail operation.
The front-end stage has its own supply ground
connection
(VEE2)
to
achieve
optimum
noise
performance and maintain integrity of the high-speed
signal path. The front-end shares the VCC (+3.3 V)
connection with the remainder of the circuitry, which has
a separate ground (VEE1).
Output driver stage
The output driver acts as a buffer stage, capable of
swinging up to 300 mVpk-pk differential into a 100
Ω
load. The small output swings allow ease of use with
low
voltage
post
amplifiers
(e.g.
3.3 V
parts).
Increasing optical input level gives a positive-going
output signal on the OUTP pin.
Automatic Gain Control (AGC)
The AGC circuit monitors the voltages from the output
driver and compares them to an internal reference
level produced via the on-chip bandgap reference
circuit. When this level is exceeded, the gain of the
front-end is reduced by controlling the feedback
resistor Rf.
A long time-constant integrator is used within the
control loop of the AGC with a typical low frequency
cut-off of 5 kHz.
System Block Diagram
Receiver Module
Clock & Data
Recovery
Clock
Data
2
2
2.5 Gb/s
2.5 GHz
2
PIN
SE1030W
2
TZ
Amplifier
SE1230
AGC
Amplifier
LOS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com