Electronic Components Datasheet Search
  English  ▼

X  

F71872 Datasheet(PDF) 91 Page - Feature Integration Technology Inc.

Part # F71872
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872 Datasheet(HTML) 91 Page - Feature Integration Technology Inc.

Back Button F71872 Datasheet HTML 87Page - Feature Integration Technology Inc. F71872 Datasheet HTML 88Page - Feature Integration Technology Inc. F71872 Datasheet HTML 89Page - Feature Integration Technology Inc. F71872 Datasheet HTML 90Page - Feature Integration Technology Inc. F71872 Datasheet HTML 91Page - Feature Integration Technology Inc. F71872 Datasheet HTML 92Page - Feature Integration Technology Inc. F71872 Datasheet HTML 93Page - Feature Integration Technology Inc. F71872 Datasheet HTML 94Page - Feature Integration Technology Inc. F71872 Datasheet HTML 95Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 115 page
background image
July, 2007
V0.28P
89
F71872
7.7.2 KBC Configuration Registers
KBC Device Enable Register
 Index 30h
Bit
Name
R/W Default
Description
7-1 Reserved
-
-
Reserved
0
KBC_EN
R/W
1
0: disable KBC.
1: enable KBC.
When the DTR1# is pulled down. KBC_EN is reset to 0.DTR1# is internal pull
up.
Base Address High Register
 Index 60h
Bit
Name
R/W Default
Description
7-0 BASE_ADDR_HI
R/W
00h
The MSB of KBC command port address. The address of data port is
command port address + 4;
Base Address Low Register
 Index 61h
Bit
Name
R/W Default
Description
7-0 BASE_ADDR_LO
R/W
60h
The LSB of KBC command port address. The address of data port is command
port address + 4.
KB IRQ Channel Select Register
 Index 70h
Bit
Name
R/W Default
Description
7-4 Reserved
-
-
Reserved.
3-0 SELKIRQ
R/W
0h
Select the IRQ channel for keyboard interrupt.
Mouse IRQ Channel Select Register
 Index 72h
Bit
Name
R/W Default
Description
7-4 Reserved
-
-
Reserved.
3-0 SELMIRQ
R/W
0h
Select the IRQ channel for PS/2 mouse interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com