Electronic Components Datasheet Search
  English  ▼

X  

F71872 Datasheet(PDF) 32 Page - Feature Integration Technology Inc.

Part # F71872
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872 Datasheet(HTML) 32 Page - Feature Integration Technology Inc.

Back Button F71872 Datasheet HTML 28Page - Feature Integration Technology Inc. F71872 Datasheet HTML 29Page - Feature Integration Technology Inc. F71872 Datasheet HTML 30Page - Feature Integration Technology Inc. F71872 Datasheet HTML 31Page - Feature Integration Technology Inc. F71872 Datasheet HTML 32Page - Feature Integration Technology Inc. F71872 Datasheet HTML 33Page - Feature Integration Technology Inc. F71872 Datasheet HTML 34Page - Feature Integration Technology Inc. F71872 Datasheet HTML 35Page - Feature Integration Technology Inc. F71872 Datasheet HTML 36Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
July, 2007
V0.28P
30
F71872
6-5 VDDLED_SEL
R/W 2’b11 VDDLED function select, powered by VDD.
00: VDDLED always output low.
01: VDDLED tri-state
10: VDDLED output 0.5Hz clock.
11: VDDLED output 1Hz clock.
( clock output is inverse with VSBLED clock output )
(Powered by VDD)
4
VDDLED_EN
R/W
0
VDDLED enable, powered by VDD.
0: the function of PCIRST5#/GP15/VDDLED is PCIRST5#/GP15.
1: the function of PCIRST5#/GP15/VDDLED is VDDLED.
(Powered by VDD)
3
Reserved
-
-
Reserved.
2-1 VSBLED_SEL
R/W 2’b11 VSBLED function select, powered by VSB3V.
00: VSBLED always output low.
01: VSBLED tri-state
10: VSBLED output 0.5Hz clock.
11: VSBLED output 1Hz clock.
(Powered by VSB)
0
VSBLED_EN
R/W
0
VSBLED enable, powered by VSB3V.
0: the function of PWROK2/GP25/VSBLED is PWROK2/GP25.
1: the function of PWROK2/GP25/VSBLED is VSBLED.
(Powered by VSB)
7.1.11 Multi Function Select 1 Register
 Index 29h (Powered by VDD)
Bit
Name
R/W Default
Description
7
RST_DRV_DIS
R
1
0: enable PCIRSTx pin driving.
1: disable PCIRSTx pin driving.
Power on trap by DTR2#
6-5 Reserved
-
-
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com