Electronic Components Datasheet Search
  English  ▼

X  

F71872 Datasheet(PDF) 45 Page - Feature Integration Technology Inc.

Part # F71872
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872 Datasheet(HTML) 45 Page - Feature Integration Technology Inc.

Back Button F71872 Datasheet HTML 41Page - Feature Integration Technology Inc. F71872 Datasheet HTML 42Page - Feature Integration Technology Inc. F71872 Datasheet HTML 43Page - Feature Integration Technology Inc. F71872 Datasheet HTML 44Page - Feature Integration Technology Inc. F71872 Datasheet HTML 45Page - Feature Integration Technology Inc. F71872 Datasheet HTML 46Page - Feature Integration Technology Inc. F71872 Datasheet HTML 47Page - Feature Integration Technology Inc. F71872 Datasheet HTML 48Page - Feature Integration Technology Inc. F71872 Datasheet HTML 49Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
July, 2007
V0.28P
43
F71872
2-1 DRATE
R
10
These bits indicate the status of the DRATE programmed through the Data
Rate Select Register or Configuration Control Register.
0
HIGHDEN_N
R
1
0: 1Mbps or 500Kbps data rate is chosen.
1: 300Kbps or 250Kbps data rate is chosen.
7.2.3.12 Digital Input Register (Model 30 Mode)
 Base + 7
Bit
Name
R/W Default
Description
7
DSKCHG_N
R
-
This bit indicates the state of DSKCHG# disk interface input.
6-4 Reserved
-
-
Reserved.
3
DMAEN
R
0
This bit reflects the DMA bit in Digital Output Register.
2
NOPRE
R
0
This bit reflects the NOPRE bit in Configuration Control Register.
1-0 DRATE
R
10
These bits indicate the status of DRATE programmed through the Data Rate
Select Register or Configuration Control Register.
7.2.3.13 Configuration Control Register (PC-AT and PS/2 Mode)
 Base + 7
Bit
Name
R/W Default
Description
7-2 Reserved
-
-
Reserved.
1-0 DRATE
W
10
These bit determine the data rate of the floppy controller. See DRATE bits in
Data Rate Select Register.
7.2.3.14 Configuration Control Register (Model 30 Mode)
 Base + 7
Bit
Name
R/W Default
Description
7-3 Reserved
-
-
Reserved.
2
NOPRE
W
0
This bit could be programmed through Configuration Control Register and be
read through the bit 2 in Digital Input Register in Model 30 Mode. But it has no
functionality.
1-0 DRATE
W
10
These bit determine the data rate of the floppy controller. See DRATE bits in
Data Rate Select Register.
7.2.3.15
FDC Commands
Terminology:
C
Cylinder Number 0 -256
D
Data Pattern
DIR
Step Direction
0: step out
1: step in
DS0
Drive Select 0
DS1
Drive Select 1
DTL
Data Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com