Electronic Components Datasheet Search
  English  ▼

X  

F71872 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F71872
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F71872 Datasheet HTML 12Page - Feature Integration Technology Inc. F71872 Datasheet HTML 13Page - Feature Integration Technology Inc. F71872 Datasheet HTML 14Page - Feature Integration Technology Inc. F71872 Datasheet HTML 15Page - Feature Integration Technology Inc. F71872 Datasheet HTML 16Page - Feature Integration Technology Inc. F71872 Datasheet HTML 17Page - Feature Integration Technology Inc. F71872 Datasheet HTML 18Page - Feature Integration Technology Inc. F71872 Datasheet HTML 19Page - Feature Integration Technology Inc. F71872 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
July, 2007
V0.28P
14
F71872
6 Function Description
6.1 Power on Strapping Options
The F71872 provides four pins for power on hardware strapping to select functions. There is a form to describe how
to set the functions you want.
Pin No.
Symbol
Value
Description
1
Pin31/33/34/48/84 will be defined a Open Drain pin. (Default)
1
RST_DRV
0
Pin31/33/34/48/84 will be defined a Drive pin.
1
Fan control mode: PWM mode. ( Default)
2
PWM_DC
0
Fan control mode: Linear mode.
1
KBC is enabled. (Default)
121
KBC_EN
0
KBC is disabled.
1
Chip selection in configuration 4E. (Default)
124
Config4E_2E
0
Chip selection in configuration 2E.
6.2 ACPI
The Advanced Configuration and Power Interface (ACPI) is a system for controlling the use of power in a
computer. It lets computer manufacturer and user to determine the computer’s power usage dynamically.
There are three ACPI states that are of primary concern to the system designer and they are designated
S0, S3 and S5. S0 is a full-power state; the computer is being actively used in this state. The other two are
called sleep states and reflect different power consumption when power-down. S3 is a state that the
processor is powered down but the last procedural state is being stored in memory which is still active. S5 is a
state that memory is off and the last procedural state of the processor has been stored to the hard disk. Take
S3 and S5 as comparison, since memory is fast, the computer can quickly come back to full-power state, the
disk is slower than the memory and the computer takes longer time to come back to full-power state. However,
since the memory is off, S5 draws the minimal power comparing to S0 and S3.
It is anticipated that only the following state transitions may happen:
S0→S3, S0→S5, S5→S0, S3→S0 and S3→S5.
Among them, S3→S5 is illegal transition and won’t be allowed by state machine. It is necessary to enter S0
first in order to get to S5 from S3. As for transition S5→S3 will occur only as an immediate state during state
transition from S5→S0. It isn’t allowed in the normal state transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com