Electronic Components Datasheet Search
  English  ▼

X  

F71872F Datasheet(PDF) 79 Page - Feature Integration Technology Inc.

Part # F71872F
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872F Datasheet(HTML) 79 Page - Feature Integration Technology Inc.

Back Button F71872F Datasheet HTML 75Page - Feature Integration Technology Inc. F71872F Datasheet HTML 76Page - Feature Integration Technology Inc. F71872F Datasheet HTML 77Page - Feature Integration Technology Inc. F71872F Datasheet HTML 78Page - Feature Integration Technology Inc. F71872F Datasheet HTML 79Page - Feature Integration Technology Inc. F71872F Datasheet HTML 80Page - Feature Integration Technology Inc. F71872F Datasheet HTML 81Page - Feature Integration Technology Inc. F71872F Datasheet HTML 82Page - Feature Integration Technology Inc. F71872F Datasheet HTML 83Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
July, 2007
V0.28P
77
F71872
3
EN_VIN3_BEEP
R/W
0
Write 1 to enable the beep alarm for VIN3 abnormal event. Write 0 to disable it.
2
EN_VIN2_BEEP
R/W
0
Write 1 to enable the beep alarm for VIN2 abnormal event. Write 0 to disable it.
1
EN_VIN1_BEEP
R/W
0
Write 1 to enable the beep alarm for VIN1 abnormal event. Write 0 to disable it.
0
EN_VCC_BEEP
R/W
0
Write 1 to enable the beep alarm for 3VDD abnormal event. Write 0 to disable
it.
7.6.3.26 BEEP Control Register 2
 Index 3Eh
Bit
Name
R/W Default
Description
7-6 Reserved
-
-
5
EN_T3_BEEP
R/W
0
Write 1 to enable the beep alarm for T3 abnormal event. Write 0 to disable it
4
EN_T2_BEEP
R/W
0
Write 1 to enable the beep alarm for T2 abnormal event. Write 0 to disable it
3
EN_T1_BEEP
R/W
0
Write 1 to enable the beep alarm for T1 abnormal event. Write 0 to disable it
2
EN_VBAT_BEEP
R/W
0
Write 1 to enable the beep alarm for VBAT abnormal event. Write 0 to disable
it
1
EN_VIN7_BEEP
R/W
0
Write 1 to enable the beep alarm for VSB abnormal event. Write 0 to disable it
0
EN_VIN8_BEEP
R/W
0
Write 1 to enable the beep alarm for VIN8 abnormal event. Write 0 to disable it
7.6.3.27 BEEP Control Register 3
 Index 3Fh
Bit
Name
R/W Default
Description
7
Reserved
-
-
6
EN_CASE_BEEP
R/W
0
Write 1 to enable the beep alarm for CASEOPEN abnormal event. Write 0 to
disable it
5
EN_FAN3_TAR_
BEEP
R/W
0
Write 1 to enable the beep alarm for FAN3 target-not-reached event. Write 0 to
disable it
4
EN_FAN2_TAR_
BEEP
R/W
0
Write 1 to enable the beep alarm for FAN2 target-not-reached event. Write 0 to
disable it
3
EN_FAN1_TAR_BEE
P
R/W
0
Write 1 to enable the beep alarm for FAN1 target-not-reached event. Write 0 to
disable it
2
EN_FAN3_LMT_BEE
P
R/W
0
Write 1 to enable the beep alarm for FAN3 under-limit event. Write 0 to disable
it
1
EN_FAN2_LMT_BEE
P
R/W
0
Write 1 to enable the beep alarm for FAN2 under-limit event. Write 0 to disable
it
0
EN_FAN1_LMT_BEE
P
R/W
0
Write 1 to enable the beep alarm for FAN1 under-limit event. Write 0 to disable
it
7.6.3.28 FAN1 OPERATING Control Register -- Index 60h
Bit
Name
R/W Default
Description
7
FAN1_SKIP
R
-
When this bit is set to 1, FAN1 is not monitored.
When this bit is set to 0, FAN1 is monitored.
6
Reserved
-
-
5
FAN1_FORCE_MONI
TOR
R/W
0
Set to 1, FAN1 speed is monitored every monitor cycle even the fan is
stopped. Set to 0, FAN1 speed will not be monitored at the next monitor cycle
if the fan is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com