Electronic Components Datasheet Search
  English  ▼

X  

F71872F Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F71872F
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872F Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F71872F Datasheet HTML 1Page - Feature Integration Technology Inc. F71872F Datasheet HTML 2Page - Feature Integration Technology Inc. F71872F Datasheet HTML 3Page - Feature Integration Technology Inc. F71872F Datasheet HTML 4Page - Feature Integration Technology Inc. F71872F Datasheet HTML 5Page - Feature Integration Technology Inc. F71872F Datasheet HTML 6Page - Feature Integration Technology Inc. F71872F Datasheet HTML 7Page - Feature Integration Technology Inc. F71872F Datasheet HTML 8Page - Feature Integration Technology Inc. F71872F Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
F71872
July, 2007
V0.28P
F71872
F71872 Datasheet Revision History
Version
Date
Page
Revision History
0.20P
07/07/2004
-
Preliminary Release Version.
0.21P
07/28/2004
-
Revise PWM Frequency Range
0.22P
10/12/2004
-
Added BEEP/LED_VCC/LED_VSB/FANCTL Functions.
-
Modified Application Circuit.
0.23P
02/25/2005
-
Added 24MHz Clock Input.
0.24P
04/15/2005
109
Added “Green Package” Ordering Information.
0.25P
08/16/2005
-
Added VID_OTF# Function for Vcore OTF use.
0.26P
09/05/2005
111
Updated Application Circuit.
0.27P
12/28/2006
5
Added Patent Note.
0.28P
07/05/2007
-
Company readdress
Please note that all data and specifications are subject to change without notice. All the trade marks of products and
companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Customers using or selling these products for use
in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting from such
improper use or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com