Electronic Components Datasheet Search
  English  ▼

X  

F71872F Datasheet(PDF) 86 Page - Feature Integration Technology Inc.

Part # F71872F
Description  Super H/W Monitor LPC IO
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71872F Datasheet(HTML) 86 Page - Feature Integration Technology Inc.

Back Button F71872F Datasheet HTML 82Page - Feature Integration Technology Inc. F71872F Datasheet HTML 83Page - Feature Integration Technology Inc. F71872F Datasheet HTML 84Page - Feature Integration Technology Inc. F71872F Datasheet HTML 85Page - Feature Integration Technology Inc. F71872F Datasheet HTML 86Page - Feature Integration Technology Inc. F71872F Datasheet HTML 87Page - Feature Integration Technology Inc. F71872F Datasheet HTML 88Page - Feature Integration Technology Inc. F71872F Datasheet HTML 89Page - Feature Integration Technology Inc. F71872F Datasheet HTML 90Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
July, 2007
V0.28P
84
F71872
6-0 T3OFFSET
R/W
T3 temperature offset register. The real temperature value will be added by
this offset and then will be put into temperature reading (Value RAM 1Dh).
The offset ranges from -64ºC to 63ºC.
3Fh : +63ºC.
01h : +1ºC.
00h : +0ºC.
7Fh: -1ºC
7Eh: -2ºC
40h: -64ºC
7.6.3.58 FAN1 CONTROL v.s. TEMPERATURE 1 (INDEX A0 -- AD registers )
T1 BOUNDARY 1 TEMPERATURE – Index A0h
Bit
Name
R/W Default
Description
7-0 T1_TP_1
R/W
00h
The 1
st BOUNDARY temperature for T1 in temperature mode.
When T1 temperature is exceed this boundary, FAN1 segment 1 speed count
registers will be loaded into FAN1 expect count registers.
When T1 temperature is below this boundary, FAN1 segment 2 speed count
registers will be loaded into FAN1 expect count registers.
T1 BOUNDARY 5 TEMPERATURE – Index A1h
Bit
Name
R/W Default
Description
7-0 T1_TP_5
R/W
00h
The 5th BOUNDARY temperature for T1 in temperature mode.
When T1 temperature is exceed this boundary, FAN1 segment 5 speed
count registers will be loaded into FAN1 expect count registers.
When T1 temperature is below this boundary, FAN1 segment 6 speed
count registers will be loaded into FAN1 expect count registers.
T1 BOUNDARY 9 TEMPERATURE – Index A2h
Bit
Name
R/W Default
Description
7-0 T1_TP_9
R/W
00h
The 9th BOUNDARY temperature for T1 in temperature mode.
When T1 temperature is exceed this boundary, FAN1 segment 9 speed
count registers will be loaded into FAN1 expect count registers.
When T1 temperature is below this boundary, FAN1 segment 10 speed
count registers will be loaded into FAN1 expect count registers.
FAN1 SEGMENT 1 SPEED COUNT (MSB) – Index A4h
Bit
Name
R/W Default
Description
7-4 Reserved
-
3-0 T1_SP_1_MSB
R/W
0Fh
The MSB of 1st expected fan speed for FAN1 in temperature mode.
FAN1 SEGMENT 1 SPEED COUNT (LSB) – Index A5h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com