| Electronic Components Datasheet Search |
|
F71872F Datasheet(PDF) 39 Page - Feature Integration Technology Inc. |
|
|
|||||||||||||||||||||||||||||
F71872F Datasheet(HTML) 39 Page - Feature Integration Technology Inc. |
|
39 / 115 page ![]() July, 2007 V0.28P 37 F71872 1 0 DENSEL# 1 1 DATARATE0 7.2.3 Device Registers 7.2.3.1 Status Register A (PS/2 mode) Base + 0 Bit Name R/W Default Description 7 INTPEND R 0 This bit indicates the state of the interrupt output. 6 DRV2_N R - 0: a second drive has been installed. 1: a second drive has not been installed. 5 STEP R 0 This bit indicates the complement of STEP# disk interface output. 4 TRK0_N R - This bit indicates the state of TRK0# disk interface input. 3 HDSEL R 0 This bit indicates the complement of HDSEL# disk interface output. 0: side 0. 1: side 1. 2 INDEX_N R - This bit indicates the state of INDEX# disk interface input. 1 WPT_N R - This bit indicates the state of WPT# disk interface input. 0: disk is write-protected. 1: disk is not write-protected. 0 DIR R 0 This bit indicates the complement of DIR# disk interface output. 7.2.3.2 Status Register A (Model 30 mode) Base + 0 Bit Name R/W Default Description 7 INTPEND R 0 This bit indicates the state of the interrupt output. 6 DRQ R 0 This bit indicates the state of the DRQ signal. 5 STEP_FF R 0 This bit indicates the complement of latched STEP# disk interface output. 4 TRK0 R - This bit indicates the complement of TRK0# disk interface input. 3 HDSEL_N R 1 This bit indicates the state of HDSEL# disk interface output. 0: side 0. 1: side 1. 2 INDEX R - This bit indicates the complement of INDEX# disk interface input. 1 WPT R - This bit indicates the complement of WPT# disk interface input. 0: disk is write-protected. 1: disk is not write-protected. 0 DIR_N R 1 This bit indicates the state of DIR# disk interface output. 0: head moves in inward direction. 1: head moves in outward direction. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |