Electronic Components Datasheet Search
  English  ▼

X  

SP4438 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4438
Description  Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4438 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4438 Datasheet HTML 5Page - Sipex Corporation SP4438 Datasheet HTML 6Page - Sipex Corporation SP4438 Datasheet HTML 7Page - Sipex Corporation SP4438 Datasheet HTML 8Page - Sipex Corporation SP4438 Datasheet HTML 9Page - Sipex Corporation SP4438 Datasheet HTML 10Page - Sipex Corporation SP4438 Datasheet HTML 11Page - Sipex Corporation SP4438 Datasheet HTML 12Page - Sipex Corporation SP4438 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Rev.11/13/00
SP4438 Ultra-Quiet Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
Audio Noise Considerations: A system
can have different sources of audio noise. The
coil, the filter capacitor, and the EL lamp itself
may be a source of audio noise if operated in the
audio frequency range.
Designers should select either the coil or coil
frequency such that the coil is not in continous
mode as this will greatly decrease efficiency and
contribute to noise.
Close attention should be given to the mounting
of the filter capacitor where the mounting can
act as an amplifier, such as in a speaker box.
Film capacitors do not exhibit audio noise
concerns but certain ceramic capacitors subjected
to a high voltage source can exhibit a
piezoelectric effect. This can be a source of
concern in the audio range.
The EL lamp itself can also exhibit audible noise
as a result of high voltage swings at frequencies
within the audio range. Close attention should
be given to the physical mounting of the EL
lamp to diminish this concern that can generate
both EMI and audio noise.
Electromagnetic
Interference (EMI)
Considerations: Electromagnetic Interferenc
Electromagnetic Interference (EMI) concerns
are rooted in uncontrolled high voltage swings
on the EL lamp. The controlled charging and
dischanging of the EL lamp by the SP4438
minimizes EMI effects.
Printed
Circuit
Board
Layout
Suggestions:
The SP4438's high voltage
operation makes PC layout important for
minimizing ground bounce and noise. Keep the
IC's GND pin and the ground leads of C1 and
C
INT less than 0.2 in (5mm) apart. Also keep the
connections to COIL as short as possible. To
maximize output power and efficiency and
minimize output ripple voltage, use a ground
plane and solder the IC's V
SS directly to the
ground plane.
EL Lamp Driver Design Challenges
There are many variables which can be optimized
for specific applications. The amount of light
emitted is a function of the voltage applied to the
lamp, the frequency at which it is applied, the
lamp material and the lamp size. Sipex supplies
characterization charts to aid the designer in
selecting the optimum circuit configuration.
Sipex will perform customer application
evaluations, using the customer's actual EL lamp
to determine the optimum operating conditions
for specific applications.
For customers
considering an EL backlighting solution for the
first time, Sipex is able to offer retrofitted
solutions to the customer's existing LED or non-
backlit product for a thorough electrical and
cosmetic evaluation. Refer to Figure 6 for an
enlargement and actual size evaluation board
layout.
Please contact your local Sales
Representative for Sipex or the Sipex factory
directly to initiate this valued service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com