Electronic Components Datasheet Search
  English  ▼

X  

SP4438 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4438
Description  Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4438 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4438 Datasheet HTML 1Page - Sipex Corporation SP4438 Datasheet HTML 2Page - Sipex Corporation SP4438 Datasheet HTML 3Page - Sipex Corporation SP4438 Datasheet HTML 4Page - Sipex Corporation SP4438 Datasheet HTML 5Page - Sipex Corporation SP4438 Datasheet HTML 6Page - Sipex Corporation SP4438 Datasheet HTML 7Page - Sipex Corporation SP4438 Datasheet HTML 8Page - Sipex Corporation SP4438 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. 11/13/00
SP4438 Ultra-Quiet Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
4
VSS
COIL
CINT
SP4438
VBATT
C1
0.1
µF
L1
820
µH/14Ω
5
1
2
6
4
ELEN
D1
1N4148
CINT
47nF
VDD
EL2
EL1
EL Lamp
7
8
3
ROSC
714k
C2
1nF
ROSC
Figure 1: Typical Operating Circuit for the SP4438.
Note: C1 should be close to L1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com