Electronic Components Datasheet Search
  English  ▼

X  

SP4438 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4438
Description  Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4438 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4438 Datasheet HTML 1Page - Sipex Corporation SP4438 Datasheet HTML 2Page - Sipex Corporation SP4438 Datasheet HTML 3Page - Sipex Corporation SP4438 Datasheet HTML 4Page - Sipex Corporation SP4438 Datasheet HTML 5Page - Sipex Corporation SP4438 Datasheet HTML 6Page - Sipex Corporation SP4438 Datasheet HTML 7Page - Sipex Corporation SP4438 Datasheet HTML 8Page - Sipex Corporation SP4438 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Rev.11/13/00
SP4438 Ultra-Quiet Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
PIN ASSIGNMENTS
Pin 1 — V
DD — Positive Battery Power Supply.
Connect such that +2.7V < V
DD < +3.3V.
Pin 2 — ELEN — Electroluminescent Lamp
Enable. When driven HIGH, this input pin
enables the EL driver outputs for EL1 and
EL2. This pin has an internal pulldown
resistor.
Pin 3 — R
OSC — Oscillator Resistor. Connect-
ing a resistor to this input pin sets the fre-
quency of the internal clock.
Pin 4 — V
SS — Power Supply Common. Con-
nect to the lowest circuit potential, typically
ground.
Pin 5 — COIL — The inductor for the EL lamp
is connected from V
DD to this input pin.
Pin 6 — C
INT — Integrating Capacitor.
An
integrating capacitor (47nF typical) con-
nected from this pin to ground filters out any
coil switching spikes or ripple present in the
output waveform to the EL lamp. Connect-
ing a fast recovery diode from COIL to C
INT
increases the light output of the EL lamp.
Pin 7 — EL2 — Electroluminescent Lamp Out-
put 2. This is a high voltage lamp driver
output pin to connect to the EL lamp.
Pin 8 — EL1 — Electroluminescent Lamp Out-
put 1. This is a high voltage lamp driver
output pin to connect to the EL lamp.
VDD
CINT
EL1
ELEN
ROSC
COIL
EL2
VSS
SP4438
8
7
4
3
2
1
5
6
PINOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com