Electronic Components Datasheet Search
  English  ▼

X  

SP4438 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4438
Description  Ultra-Quiet Electroluminescent Lamp Driver For Cellular Phone Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4438 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4438 Datasheet HTML 1Page - Sipex Corporation SP4438 Datasheet HTML 2Page - Sipex Corporation SP4438 Datasheet HTML 3Page - Sipex Corporation SP4438 Datasheet HTML 4Page - Sipex Corporation SP4438 Datasheet HTML 5Page - Sipex Corporation SP4438 Datasheet HTML 6Page - Sipex Corporation SP4438 Datasheet HTML 7Page - Sipex Corporation SP4438 Datasheet HTML 8Page - Sipex Corporation SP4438 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Rev.11/13/00
SP4438 Ultra-Quiet Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
s Patent Pending Output Waveshaping
s Waveshaped Output Optimized For Low
Acoustic Noise And Maximum Efficiency
s Reduced Supply Current And Standby
Current
s Up to15cd/m2 For Cell Phone Sized EL
Lamps (2 to 3 sq. in.)
s Waveshaped Output And Low Frequency
Operation Minimize Stress On EL Lamp To
Extend Its Lifetime
s Uses 820
µH, Sub-2mm Coils
s Gradual Rising And Falling Edges Minimizes
EMI
s +2.7V To +3.3V Battery Operation
s Space-Saving 8-pin MSOP package
APPLICATIONS
s Cellular Radios
s Wireless Communication Products
DESCRIPTION
The SP4438 device is a low noise, high voltage output DC-AC inverter designed to drive
electroluminescent lamps to backlight liquid crystal display and keypads used in cellular
phones, cordless phones, 2-way radios, and other wireless communication products. The
output waveform of the SP4438 device is ideal for cell phone applications requiring low
acoustic noise performance. One external resistor is used to set the internal oscillator
frequency and one inductor is required to generate the high voltage AC output to drive an EL
lamp up to 3 square inches in size. The SP4438 operates from a +3.0V battery source and
has a low power standby mode that draws less than 1
µA, making it ideal for low-power cellular
applications. All input pins are ESD protected with internal diodes to V
DD and VSS. The SP4438
is offered in a space-saving 8-pin MSOP package.
VDD
CINT
EL1
ELEN
ROSC
COIL
EL2
VSS
SP4438
8
7
4
3
2
1
5
6
VSS
COIL
CINT
SP4438
VBATT
C1
0.1
µF
L1
820
µH/14Ω
5
1
2
6
4
ELEN
D1
1N4148
CINT
47nF
VDD
EL2
EL1
EL Lamp
7
8
3
ROSC
714k
Ω
C2
1nF
ROSC
Ultra-Quiet Electroluminescent Lamp Driver
For Cellular Phone Applications
SP4438
®


Similar Part No. - SP4438

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP44-6 SIPAT-SP44-6 Datasheet
139Kb / 3P
44MHz SAW Filter 6MHz Bandwidth
SP44-8 SIPAT-SP44-8 Datasheet
42Kb / 1P
SAW Filter Electrical Characteristic
logo
SamHop Microelectronics...
SP4400 SAMHOP-SP4400 Datasheet
132Kb / 11P
Dual N-Channel Enhancement Mode Field Effect Transistor
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
Low Voltage Electroluminescent Lamp Driver
More results

Similar Description - SP4438

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4423 SIPEX-SP4423 Datasheet
180Kb / 13P
Electroluminescent Lamp Driver Low Power Applications
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
Electroluminescent Lamp Driver Low Voltage Applications
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
LED Driver IC for Cellular Phone
BH6942KN ROHM-BH6942KN Datasheet
378Kb / 6P
LED Driver IC for Cellular Phone
logo
Sipex Corporation
SP4425Q SIPEX-SP4425Q Datasheet
215Kb / 12P
Electroluminescent Lamp Driver for Low Noise Applications
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
Sanyo Semicon Device
LV5207LP SANYO-LV5207LP Datasheet
125Kb / 14P
For Cellular Phone LED Driver
logo
ON Semiconductor
ENA0943 ONSEMI-ENA0943 Datasheet
120Kb / 14P
LED Driver for Cellular Phone
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com