Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  Three-Axis, Digital Magnetometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Sensors
6
Freescale Semiconductor, Inc.
2.3
Electrical Characteristics
Table 5. Electrical Characteristics @ VDD = 2.0V, VDDIO = 1.8V, T = 25°C unless otherwise noted
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
1.95
2.4
3.6
V
Interface Supply Voltage
VDDIO
1.62
VDD
V
Supply Current in ACTIVE Mode
ODR(1)(2) 80 Hz, OS(1) = 00
1. ODR = Output Data Rate; OS = Over Sampling Ratio.
2. Please see Table 30 for all ODR and OSR setting combinations, along with the corresponding current consumption and noise levels.
Idd
900
µA
ODR 40 Hz, OS(3) = 00
3. By design.
550
ODR 20 Hz, OS(3) = 00
275
ODR 10 Hz, OS(3) = 00
137.5
ODR 5 Hz, OS(3) = 00
68.8
ODR 2.5 Hz, OS(3) = 00
34.4
ODR 1.25 Hz, OS(3) = 00
17.2
ODR 0.63 Hz, OS = 00
8.6
Supply Current Drain in STANDBY Mode
Measurement mode off
IddStby
2
µA
Digital High Level Input Voltage
SCL, SDA
VIH
0.75*VDDIO
V
Digital Low Level Input Voltage
SCL, SDA
VIL
0.3* VDDIO
V
High Level Output Voltage
INT1
IO = 500 µA
VOH
0.9*VDDIO
V
Low Level Output Voltage
INT1
IO = 500 µA
VOL
0.1* VDDIO
V
Low Level Output Voltage
SDA
IO = 500 µA
VOLS
0.1* VDDIO
V
Output Data Rate (ODR)
ODR
0.8*ODR
ODR
1.2 *ODR
Hz
Signal Bandwidth
BW
ODR/2
Hz
Boot Time from Power applied to Boot Complete
BT
10
ms
Turn-on Time(4)(5)
4. Time to obtain valid data from STANDBY mode to ACTIVE Mode.
5. In 80 Hz mode ODR.
OS = 1
Ton
25
ms
Operating Temperature Range
Top
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com