Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  Three-Axis, Digital Magnetometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 15Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 16Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 17Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 18Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 19Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 20Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 21Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 22Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MAG3110
Sensors
Freescale Semiconductor, Inc.
19
5.5.2
CTRL_REG2 (0x11)
Table 31. CTRL_REG2 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTO_MRST_EN
—
RAW
Mag_RST
————
Table 32. CTRL_REG2 Description
AUTO_MRST_EN
Automatic Magnetic Sensor Reset. Default value: 0.
0: Automatic magnetic sensor resets disabled.
1: Automatic magnetic sensor resets enabled.
Similar to Mag_RST, however, the resets occur automatically before each data acquisition.
This bit is recommended to be always explicitly enabled by the host application. See examples in section 4.3.7. This
a WRITE ONLY bit and always reads back as 0.
RAW
Data output correction. Default value: 0.
0: Normal mode: data values are corrected by the user offset register values.
1: Raw mode: data values are not corrected by the user offset register values.
Note: The factory calibration is always applied to the measured data stored in registers 0x01 to 0x06 irrespective of the
setting of the RAW bit.
Mag_RST
Magnetic Sensor Reset (One-Shot). Default value: 0.
0: Reset cycle not active.
1: Reset cycle initiate or Reset cycle busy/active.
When asserted, initiates a magnetic sensor reset cycle that will restore correct operation after exposure to an excessive
magnetic field which exceeds the Full Scale Range (see Table 2) but is less than the Maximum Applied Magnetic Field
(see Table 3).
When the cycle is finished, value returns to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com