Electronic Components Datasheet Search
  English  ▼

X  

MAG3110 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MAG3110
Description  Three-Axis, Digital Magnetometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAG3110 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MAG3110 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 9Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 10Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 11Page - Freescale Semiconductor, Inc MAG3110 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Sensors
8
Freescale Semiconductor, Inc.
Figure 5. I2C Slave Timing Diagram
2.5
I2C Pullup Resistor Selection
The SCL and SDA signals are driven by open-drain buffers and a pullup resistor is required to make the signals rise to the high
state. The value of the pullup resistors depends on the system I2C clock rate and the capacitance load on the I2C bus.
Higher resistance value pullup resistors consume less power, but have a slower the rise time (due to the RC time constant
between the bus capacitance and the pullup resistor) and will limit the I2C clock frequency.
Lower resistance value pullup resistors consume more power, but enable higher I2C clock operating frequencies.
High bus capacitance is due to long bus lines or a high number of I2C devices connected to the bus. A lower value resistance
pullup resistor is required in higher bus capacitance systems.
For standard 100 kHz clock I2C, pullup resistors typically are between 5k and 10 k
Ω. For a heavily loaded bus, the pullup resistor
value may need to be reduced. For higher speed 400 kHz or 800 kHz clock I2C, bus capacitance will need to be kept low, in
addition to selecting a lower value resistance pullup resistor. Pullup resistors for high speed buses typically are about 1 K
Ω.
In a well designed system with a microprocessor and one I2C device on the bus, with good board layout and routing, the I2C bus
capacitance can be kept under 20 pF. With a 1K pullup resistor, the I2C clock rates can be well in excess of a few megahertz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com