Electronic Components Datasheet Search
  English  ▼

X  

SPX2955 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2955
Description  350mA Low Drop Out Voltage Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2955 Datasheet(HTML) 8 Page - Sipex Corporation

  SPX2955 Datasheet HTML 1Page - Sipex Corporation SPX2955 Datasheet HTML 2Page - Sipex Corporation SPX2955 Datasheet HTML 3Page - Sipex Corporation SPX2955 Datasheet HTML 4Page - Sipex Corporation SPX2955 Datasheet HTML 5Page - Sipex Corporation SPX2955 Datasheet HTML 6Page - Sipex Corporation SPX2955 Datasheet HTML 7Page - Sipex Corporation SPX2955 Datasheet HTML 8Page - Sipex Corporation SPX2955 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. 11/21/00
SPX2955/56/57
ORDERING INFORMATION
Ordering No.
Precision
Output Voltage
Packages
SPX2955U3
2%
Adj
3 Lead TO-220
SPX2955U3-3.3
2%
3.3V
3 Lead TO-220
SPX2955U3-5.0
2%
5.0V
3 Lead TO-220
SPX2955AU3
1%
Adj
3 Lead TO-220
SPX2955AU3-3.3
1%
3.3V
3 Lead TO-220
SPX2955AU3-5.0
1%
5.0V
3 Lead TO-220
SPX2955U5
2%
Adj
5 Lead TO-220
SPX2955U5-3.3
2%
3.3V
5 Lead TO-220
SPX2955U5-5.0
2%
5.0V
5 Lead TO-220
SPX2955AU5
1%
Adj
5 Lead TO-220
SPX2955AU5-3.3
1%
3.3V
5 Lead TO-220
SPX2955AU5-5.0
1%
5.0V
5 Lead TO-220
SPX2955T3
2%
Adj
3 Lead TO-263
SPX2955T3-3.3
2%
3.3V
3 Lead TO-263
SPX2955T3-5.0
2%
5.0V
3 Lead TO-263
SPX2955AT3
1%
Adj
3 Lead TO-263
SPX2955AT3-3.3
1%
3.3V
3 Lead TO-263
SPX2955AT3-5.0
1%
5.0V
3 Lead TO-263
SPX2955T5
2%
Adj
5 Lead TO-263
SPX2955T5-3.3
2%
3.3V
5 Lead TO-263
SPX2955T5-5.0
2%
5.0V
5 Lead TO-263
SPX2955AT5
1%
Adj
5 Lead TO-263
SPX2955AT5-3.3
1%
3.3V
5 Lead TO-263
SPX2955AT5-5.0
1%
5.0V
5 Lead TO-263
SPX2955S
2%
Adj
8 Lead SOIC
SPX2955S-3.3
2%
3.3V
8 Lead SOIC
SPX2955S-5.0
2%
5.0V
8 Lead SOIC
SPX2955AS
1%
Adj
8 Lead SOIC
SPX2955AS-3.3
1%
3.3V
8 Lead SOIC
SPX2955AS-5.0
1%
5.0V
8 Lead SOIC
SPX2955AS-3.3
1%
3.3V
8 Lead SOIC
SPX2955AS-5.0
1%
5.0V
8 Lead SOIC
SPX2956U3-3.3
2%
3.3V
3 Lead TO-220
SPX2956U3-5.0
2%
5.0V
3 Lead TO-220
SPX2956AU3-3.3
1%
3.3V
3 Lead TO-220
SPX2956AU3-5.0
1%
5.0V
3 Lead TO-220
SPX2956U5-3.3
2%
3.3V
5 Lead TO-220
SPX2956U5-5.0
2%
5.0V
5 Lead TO-220
SPX2956AU5-3.3
1%
3.3V
5 Lead TO-220
SPX2956AU5-5.0
1%
5.0V
5 Lead TO-220
SPX2956T3-3.3
2%
3.3V
3 Lead TO-263
SPX2956T3-5.0
2%
5.0V
3 Lead TO-263



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com