Electronic Components Datasheet Search
  English  ▼

X  

SPX2955 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2955
Description  350mA Low Drop Out Voltage Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2955 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2955 Datasheet HTML 1Page - Sipex Corporation SPX2955 Datasheet HTML 2Page - Sipex Corporation SPX2955 Datasheet HTML 3Page - Sipex Corporation SPX2955 Datasheet HTML 4Page - Sipex Corporation SPX2955 Datasheet HTML 5Page - Sipex Corporation SPX2955 Datasheet HTML 6Page - Sipex Corporation SPX2955 Datasheet HTML 7Page - Sipex Corporation SPX2955 Datasheet HTML 8Page - Sipex Corporation SPX2955 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 11/21/00
ALPHA
AS2930
1
8-Pin Surface Mount
Top View
2
3
4
5
6
7
8
SPX2955
OUTPUT
SENSE
SHUTDOWN
GROUND
INPUT
FEEDBACK
5V/ 3.3V TAP
ERROR
SPX2955/56/57
350mA Low Drop Out Voltage Regulator
with Shutdown
(PRELIMINARY INFORMATION)
FEATURES
APPLICATIONS
• Output Accuracy 5V, 3.3V@ 350mA Output
• Battery Powered Systems
• Very Low Quiescent Current
• Cordless Telephones
• Low Dropout Voltage
• Radio Control Systems
• Extremely Tight Load And Line Regulation
• Portable/Palm Top/Notebook Computers
• Very Low Temperature Coefficient
• Portable Consumer Equipment
• Current & Thermal Limiting
• Portable Instrumentation
• Error Flag Warns Of Output Dropout
• Automotive Electronics
• Logic-Controlled Electronic Shutdown
• SMPS Post-Regulator
• Output Programmable From 1.24V to 29V
• Voltage Reference
PRODUCT DESCRIPTION
The SPX2955/56/57 is a low power voltage regulator. This device is an excellent choice for use in battery-powered applications such
as cordless telephones, radio control systems, and portable computers. The SPX2955/56/57 features very low quiescent current
(100
µA Typ.) and very low dropout voltage. This includes a tight initial tolerance of 1% max and 2% max., and very low output
temperature coefficient, making the SPX2955/56/57 useful as a low-power voltage reference.
The error flag output feature is used as power-on reset for warning of a low output voltage, due to a falling voltage input of batteries.
Another feature is the logic-compatible shutdown input which enables the regulator to be switched on and off. The SPX2955/56/57 is
offered in 3-pin and 5-pin TO-220 package compatible with other 5 volt and adjustable regulators, in 8-Pin Plastic Dip SO-8 (same pin
out as SPX2951) and surface mount TO-263 packages.
The regulator output voltage (of the 8-pin package and 5-pin TO-220 & TO-263) may be pin-strapped for a 5V and 3.3V or
programmed from 1.24V to 29V with an external pair of resistors. Look for SPX2951 for 150mA and SPX2954 for 250mA
applications.
PIN CONNECTIONS
TO-263-5 Package
Top View
12 3 4 5
SPX2956/57
INPUT
GND
INPUT
ERROR
OUTPUT
GND
Five Lead Package Pin Functions:
1)
SPX2956
SPX2957
3)
4)
5)
ADJUST
SHUTDOWN
OUTPUT
SHUTDOWN
2)
Front View
3
2
1
TO-263-3 Package
V
OUT
GND
V
IN
SPX2955
Top View
SPX2956/57
TO-220-5 Package
5
4
3
2
1
Front View
TO-220-3 Package
1
2
3
VOUT
GND
V
IN


Similar Part No. - SPX2955

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
150mA Low Dropout Voltage Regulators
SPX2950 SIPEX-SPX2950 Datasheet
135Kb / 13P
150mA Low Dropout Voltage Regulator
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-1.8 SIPEX-SPX29500T-1.8 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-2.5 SIPEX-SPX29500T-2.5 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX2955

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
LOW DROP OUT VOLTAGE REGULATOR
logo
STMicroelectronics
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
Jun-2003
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
400mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
Low noise low drop voltage regulator with shutdown function
11-Dec-2007
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
Low noise low drop voltage regulator with shutdown function
10-Jul-2008
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com