Electronic Components Datasheet Search
  English  ▼

X  

SPX2955 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2955
Description  350mA Low Drop Out Voltage Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2955 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2955 Datasheet HTML 1Page - Sipex Corporation SPX2955 Datasheet HTML 2Page - Sipex Corporation SPX2955 Datasheet HTML 3Page - Sipex Corporation SPX2955 Datasheet HTML 4Page - Sipex Corporation SPX2955 Datasheet HTML 5Page - Sipex Corporation SPX2955 Datasheet HTML 6Page - Sipex Corporation SPX2955 Datasheet HTML 7Page - Sipex Corporation SPX2955 Datasheet HTML 8Page - Sipex Corporation SPX2955 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. 11/21/00
SPX2955/56/57
(Continued)
PARAMETER
CONDITIONS
(Note 2)
Typ.
SPX2955/57A
Min
Max
SPX2955/57
Min
Max
UNITS
Adjustable Versions only
Typ.
SPX2955/57A
SPX2955/57B
Reference Voltage
1.235
1.210
1.200
1.260
1.270
1.200
1.990
1.270
1.280
V
Reference Voltage
Over Temperature (Note 6)
1.185
1.285
1.185
1.285
V
Feedback Pin Bias Current
20
40
60
60
80
NA
Reference Voltage Temperature
Coefficient
(Note 7)
50
ppm/°C
Feedback Pin Bias Current
Temperature Coefficient
0.1
nA/°C
Error Comparator
Output Leakage Current
V0H = 30V
0.01
1.00
2.00
1.00
2.00
µA
Output Low Voltage
VIN = 4.5V
I0L = 400
µA
150
250
400
250
400
mV
Upper Threshold Voltage
(Note 8)
60
40
25
40
25
mV
Lower Threshold Voltage
(Note 8)
75
95
140
95
140
mV
Hysteresis
(Note 8)
15
mV
Shutdown Input
Input logic Voltage
Low (Regulator ON)
High (Regulator OFF)
1.3
2.0
0.7
2.0
0.7
V
Shut down Pin Input Current
VS = 2.4V
VS = 30V
30
450
50
100
600
750
90
150
800
1000
µA
Regulator Output Current in Shutdown
3
10
20
15
25
µA
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 2: Unless otherwise specified all limits are guaranteed for Tj = 25
°C, VIN = 6V, IL = 100µA and CL = 1µF. Additional conditions for the 8-pin versions are
feedback tied to 5V tap and output tied to output sense (VOUT = 5V) and VSHUTDOWN
≤ 0.8V.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are
covered under the specification for thermal regulation.
Note 4: Line regulation for the SPX2955/56/57 is tested at 150
°C for IL = 1 mA. For IL = 100µA and TJ = 125°C, line regulation is guaranteed by design to 0.2%. See
typical performance characteristics for line regulation versus temperature and load current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value measured at 1V differential at
very low values of programmed output voltage, the minimum input supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 6: VREF
≤VOUT ≤ (Vin - 1V), 2.3 ≤Vin≤30V, 100µA≤IL≤ 250 mA, TJ ≤ TJMAX.
Note 7: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference voltage measured at 6V input. To
express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmed output
voltage of 5V, the Error output is guaranteed to go low when the output drops by 95 mV x 5V/1.235 = 384 mV. Thresholds remain constant as a percent of VOUT as
VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
Note 8: VSHUTDOWN
≥ 2V, VIN ≤ 30V, VOUT =0, Feedback pin tied to 5V Tap.
Note 9: The junction -to-ambient thermal resistance of the TO-92 package is 180
°C/ W with 0.4” leads and 160°C/ W with 0.25” leads to a PC board.
The thermal resistance of the 8-Pin DIP package is 105
°C/W junction-to-ambient when soldered directly to a PC board. Junction-to-ambient thermal resistance for the
SOIC (S) package is 160
°C/W.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com