Electronic Components Datasheet Search
  English  ▼

X  

SPX2955 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2955
Description  350mA Low Drop Out Voltage Regulator with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2955 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX2955 Datasheet HTML 1Page - Sipex Corporation SPX2955 Datasheet HTML 2Page - Sipex Corporation SPX2955 Datasheet HTML 3Page - Sipex Corporation SPX2955 Datasheet HTML 4Page - Sipex Corporation SPX2955 Datasheet HTML 5Page - Sipex Corporation SPX2955 Datasheet HTML 6Page - Sipex Corporation SPX2955 Datasheet HTML 7Page - Sipex Corporation SPX2955 Datasheet HTML 8Page - Sipex Corporation SPX2955 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 11/21/00
SPX2955/56/57
ORDERING INFORMATION
Ordering No.
Precision
Output Voltage
Packages
SPX2956AT3-3.3
1%
3.3V
3 Lead TO-263
SPX2956AT3-5.0
1%
5.0V
3 Lead TO-263
SPX2956T5-3.3
2%
3.3V
5 Lead TO-263
SPX2956T5-5.0
2%
5.0V
5 Lead TO-263
SPX2956AT5-3.3
1%
3.3V
5 Lead TO-263
SPX2956AT5-5.0
1%
5.0V
5 Lead TO-263
SPX2956S-3.3
2%
3.3V
8 Lead SOIC
SPX2956S-5.0
2%
5.0V
8 Lead SOIC
SPX2957U3
2%
Adj
3 Lead TO-220
SPX2957AU3
1%
Adj
3 Lead TO-220
SPX2957U5
2%
Adj
5 Lead TO-220
SPX2957AU5
1%
Adj
5 Lead TO-220
SPX2957T3
2%
Adj
3 Lead TO-263
SPX2957AT3
1%
Adj
3 Lead TO-263
SPX2957T5
2%
Adj
5 Lead TO-263
SPX2957AT5
1%
Adj
5 Lead TO-263
SPX2957S
2%
Adj
8 Lead SOIC
SPX2957AS
1%
Adj
8 Lead SOIC
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com