Electronic Components Datasheet Search
  English  ▼

X  

DS1683 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1683 Datasheet HTML 9Page - Maxim Integrated Products DS1683 Datasheet HTML 10Page - Maxim Integrated Products DS1683 Datasheet HTML 11Page - Maxim Integrated Products DS1683 Datasheet HTML 12Page - Maxim Integrated Products DS1683 Datasheet HTML 13Page - Maxim Integrated Products DS1683 Datasheet HTML 14Page - Maxim Integrated Products DS1683 Datasheet HTML 15Page - Maxim Integrated Products DS1683 Datasheet HTML 16Page - Maxim Integrated Products DS1683 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
REGISTERS 0Ah–0Dh: ETC REGISTER
REGISTERS 10h–11h: EVENT COUNTER ALARM LIMIT REGISTER
Factory Default
00 00 00 00h
Read Access
All
Write Access
PW
Memory Type
Shadowed EEPROM, Nonvolatile
Memory
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0Ah
27
26
25
24
23
22
21
20
0Bh
215
214
213
212
211
210
29
28
0Ch
223
222
221
220
219
218
217
216
0Dh
231
230
229
228
227
226
225
224
BIT 7
BIT 0
The ETC register is a shadowed EEPROM register that contains the accumulated time in 250ms increments that the EVENT pin
has been held high. On power-up, on every rising edge of the EVENT pin, and after an I2C write to the ETC register, the value
from the shadowed EEPROM location is loaded into the ETC counter memory (SRAM). When the EVENT pin is high, it is this
SRAM memory that is incremented once every 250ms. On the falling edge of the EVENT pin, this value in SRAM memory is then
written to the shadowed EEPROM memory to store the accumulated time in 250ms increments.
Factory Default
00 00h
Read Access
All
Write Access
PW
Memory Type
Shadowed EEPROM, Nonvolatile
Memory
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
10h
27
26
25
24
23
22
21
20
11h
215
214
213
212
211
210
29
28
BIT 7
BIT 0
The Event Counter Alarm Limit is a shadowed EEPROM register, and when the Event Counter register value equals or exceeds
the Event Counter Alarm Limit value, the EVENT flag bit (EVENT AF bit, Register 01h, bit 1) goes active high. When the Event
Counter register value drops below the Event Counter Alarm Limit value, the EVENT AF bit automatically clears.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com