Electronic Components Datasheet Search
  English  ▼

X  

DS1683 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1683 Datasheet HTML 1Page - Maxim Integrated Products DS1683 Datasheet HTML 2Page - Maxim Integrated Products DS1683 Datasheet HTML 3Page - Maxim Integrated Products DS1683 Datasheet HTML 4Page - Maxim Integrated Products DS1683 Datasheet HTML 5Page - Maxim Integrated Products DS1683 Datasheet HTML 6Page - Maxim Integrated Products DS1683 Datasheet HTML 7Page - Maxim Integrated Products DS1683 Datasheet HTML 8Page - Maxim Integrated Products DS1683 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
Detailed Description
The DS1683 is an elapsed-time recorder that tracks the
accumulated time the EVENT pin has been held high as
well as the number of falling edge transitions seen by the
EVENT pin. The main application is to track the accumu-
lated on-time and number of power cycles of a device or
system. Programmable alarm limits for both the accumu-
lated on-time and number of falling edges of the EVENT
pin are available so that the user can be alerted when
these conditions are met. The accumulated elapsed
time that the EVENT pin has been held high is stored
in the 4-byte Elapsed Time Counter (ETC) register. The
number of times the EVENT pin sees a falling transition is
stored in the 2-byte Event Counter register. The DS1683
includes password protection to prevent tampering with
accumulated values, alarm limits, configuration settings,
and user memory values.
The ETC, ETC Alarm Limit, Event Counter, Event Counter
Alarm Limit, Configuration, Password, and User Memory
values are stored in shadowed EEPROM. On power-up,
the values in the ETC and Event Counter are loaded into
SRAM locations. When the state of the EVENT pin causes
changes to the accumulated time and number of events,
it is these SRAM registers that are incremented.
Block Diagram
ELAPSED TIME COUNTER (ETC)
(REGISTERS 0Ah−0Dh)
GLITCH
FILTER
EVENT
ALARM
SDA
SCL
ALARM
LATCH
ETC
ALARM
ENABLE
ETC ALARM LIMIT
(REGISTERS 12h−15h)
OSCILLATOR
EVENT
ALARM
ENABLE
VCC
VCC
GND
I2C
INTERFACE
EVENT ALARM LIMIT
(REGISTERS 10h−11h)
EVENT COUNTER
(REGISTERS 08h−09h)
STATUS REGISTER
(REGISTER 01h)
CONFIGURATION REGISTER
(REGISTER 16h)
USER EEPROM
(REGISTERS 20h−2Fh)
COMMAND REGISTER
(REGISTER 00h)
PASSWORD PROTECTION
(REGISTERS 02h−05h)
(REGISTERS 1Ah−1Dh)
ALARM
POLARITY
DS1683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com