Electronic Components Datasheet Search
  English  ▼

X  

DS1683 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1683 Datasheet HTML 1Page - Maxim Integrated Products DS1683 Datasheet HTML 2Page - Maxim Integrated Products DS1683 Datasheet HTML 3Page - Maxim Integrated Products DS1683 Datasheet HTML 4Page - Maxim Integrated Products DS1683 Datasheet HTML 5Page - Maxim Integrated Products DS1683 Datasheet HTML 6Page - Maxim Integrated Products DS1683 Datasheet HTML 7Page - Maxim Integrated Products DS1683 Datasheet HTML 8Page - Maxim Integrated Products DS1683 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
(All voltages referenced to GND.)
Voltage Range on VCC, ALARM, SDA, SCL ........-0.5V to +6.0V
Voltage Range on EVENT ........................ -0.5V to (VCC + 0.5V),
not to exceed +6.0V
Continuous Power Dissipation (TA = +70NC)
SO (derate 5.9mW/NC above +70NC).......................470.6mW
Maximum Junction Temperature.....................................+150NC
Operating Temperature Range.......................... -40NC to +85NC
Programming Temperature Range ....................... 0NC to +70NC
Storage Temperature Range............................ -55NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
(TA = -40NC to +85NC, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, TA = -40NC to +85NC, unless otherwise noted.)
EVENT TIMING
(VCC = 2.5V to 5.5V, TA = -40NC to +85NC, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.5
5.5
V
Input Logic 1 (SCL, SDA)
VIH
0.7 x VCC
VCC + 0.3
V
Input Logic 0 (SCL, SDA)
VIL
-0.3
0.3 x VCC
V
EVENT Input Trip Point
VETP
0.3 x
VCC
0.5 x
VCC
0.7 x
VCC
V
EVENT Trip Point Hysteresis
VHYS
1% of VCC
Power-On Reset
VPOR
2.4
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
ILI
-1
+1
F
A
ALARM Output (IOL = 10mA)
VOL
0.8
V
SDA Output (IOL = 4mA)
VOL
0.4
V
Active Supply Current
ICCA
(Note 1)
180
300
F
A
EEPROM Write Current
IEE
(Note 1)
250
350
F
A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time Event Minimum
tG
(Note 1)
10
35
70
ms
Time Event Increment
tEI
(Note 1)
237.5
250
262.5
ms
Time Event Max
tEM
(Note 2)
34
Years
CLR ALM to Alarm Set
(Note 2)
10
150
F
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com