Electronic Components Datasheet Search
  English  ▼

X  

DS1683 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1683
Description  Total-Elapsed-Time and Event Recorder with Alarm
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1683 Datasheet HTML 13Page - Maxim Integrated Products DS1683 Datasheet HTML 14Page - Maxim Integrated Products DS1683 Datasheet HTML 15Page - Maxim Integrated Products DS1683 Datasheet HTML 16Page - Maxim Integrated Products DS1683 Datasheet HTML 17Page - Maxim Integrated Products DS1683 Datasheet HTML 18Page - Maxim Integrated Products DS1683 Datasheet HTML 19Page - Maxim Integrated Products DS1683 Datasheet HTML 20Page - Maxim Integrated Products DS1683 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
of this phenomenon by repeatedly addressing the
DS1683, which allows communication to continue
as soon as the DS1683 is ready. The alternative to
acknowledge polling is to wait for a maximum period
of tW to elapse before attempting to access the device.
EEPROM Write Cycles: The DS1683’s EEPROM
write cycles are specified in the Nonvolatile Memory
Characteristics table. The specification shown is at
the worst-case temperature (hot). It can handle many
additional writes at room temperature.
Reading a Single Byte from a Slave: Unlike the write
operation that uses the specified memory address
byte to define where the data is to be written, the read
operation occurs at the present value of the memory
address counter. To read a single byte from the slave,
the master generates a START condition, writes the
slave address byte with R/W = 1, reads the data byte
with a NACK to indicate the end of the transfer, and
generates a STOP condition. However, since requiring
the master to keep track of the memory address coun-
ter is impractical, the following method should be used
to perform reads from a specified memory location.
Manipulating the Address Counter for Reads: A
dummy write cycle can be used to force the address
counter (or pointer) to a particular value. To do this, the
master generates a START condition, writes the slave
address byte (R/W = 0), writes the memory address
where it desires to read, generates a repeated START
condition, writes the slave address byte (R/W = 1),
reads data with ACK or NACK as applicable, and
generates a STOP condition. Recall that the master
must NACK the last byte to inform the slave that no
additional bytes will be read. See Figure 9 for I2C com-
munication examples.
Reading Multiple Bytes from a Slave: The read
operation can be used to read multiple bytes with a
single transfer. When reading bytes from the slave,
the master simply ACKs the data byte if it desires to
read another byte before terminating the transaction.
After the master reads the last byte it must NACK to
indicate the end of the transfer and generates a STOP
condition.
Applications Information
Power-Supply Decoupling
To achieve best results, it is recommended that the power
supply is decoupled with a 0.01FF or a 0.1FF capacitor.
Use high-quality, ceramic, surface-mount capacitors,
and mount the capacitors as close as possible to the VCC
and GND pins to minimize lead inductance.
SDA and SCL Pullup Resistors
SDA is an open-collector output on the DS1683 that
requires a pullup resistor to realize high-logic levels. An
I2C master using either an open-collector output with
a pullup resistor or a push-pull output driver can be
used for SCL. Pullup resistor values should be chosen
to ensure that the rise and fall times listed in the I2C AC
Electrical Characteristics are within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com