Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 9Page - Maxim Integrated Products DS1886 Datasheet HTML 10Page - Maxim Integrated Products DS1886 Datasheet HTML 11Page - Maxim Integrated Products DS1886 Datasheet HTML 12Page - Maxim Integrated Products DS1886 Datasheet HTML 13Page - Maxim Integrated Products DS1886 Datasheet HTML 14Page - Maxim Integrated Products DS1886 Datasheet HTML 15Page - Maxim Integrated Products DS1886 Datasheet HTML 16Page - Maxim Integrated Products DS1886 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
13
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V, TA = -40NC to +95NC, unless otherwise noted. Timing is referenced to VIL(MAX) and VIH(MIN).) (Note 1) (See
Figure 19.)
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.97V to +3.63V, unless otherwise noted.) (Note 1)
Note 1: Limits are production tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage
range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 2: All voltages are referenced to ground. Current entering the IC is considered positive, and current exiting the IC is consid-
ered negative.
Note 3: Inputs are at supply rail. Outputs are not loaded. Does not include REFIN current. Measured using the Typical Operating
Circuit—GPON ONU.
Note 4: The ADC output is available internally as a 16-bit value. The 16 bits are derived by left-shifting the 13-bit ADC output by 3.
Note 5: Guaranteed by design.
Note 6: TXB (transmit bias) and TXP (transmit power) are separate ADC conversions that are performed on the same input pin, TXMON.
Note 7: Full scale is user-programmable.
Note 8: Time until faults are cleared (falling edge of TXFOUT).
Note 9: Time until rising edge of TXDOUT.
Note 10: Time until falling edge of TXDOUT.
Note 11: Time until completion of initial MAX3710 control registers configuration.
Note 12: Time until completion of initial MAX3945 and MAX3710 control registers configuration.
Note 13: VCC LO alarm or warning is enabled, a VCC conversion is completed, and VCC is above VCC LO alarm or warning. See
Figure 12c.
Note 14: DAC output valid, 3-wire writes from LUTs complete, and digital outputs valid.
Note 15: I2C interface timing shown is for fast-mode (400kHz) operation. This device is also backward compatible with I2C stan-
dard mode.
Note 16: CB = Total capacitance of one bus line in pF.
Note 17: EEPROM write begins after a STOP condition occurs.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 15)
0
400
kHz
Clock Pulse-Width Low
tLOW
1.3
F
s
Clock Pulse-Width High
tHIGH
0.6
F
s
Bus Free Time Between STOP and
START Condition
tBUF
1.3
F
s
START Hold Time
tHD:STA
0.6
F
s
START Setup Time
tSU:STA
0.6
F
s
Data in Hold Time
tHD:DAT
0
0.9
F
s
Data in Setup Time
tSU:DAT
100
ns
Rise Time of Both SDA and SCL
Signals
tR
(Note 16)
20 +
0.1CB
300
ns
Fall Time of Both SDA and SCL
Signals
tF
(Note 16)
20 +
0.1CB
300
ns
STOP Setup Time
tSU:STO
0.6
F
s
Capacitive Load for Each Bus Line
CB
400
pF
EEPROM Write Time
tW
(Note 17)
20
ms
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Write Cycles
At TA = +25NC
50,000
—
At TA = +85NC
10,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com