Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 15Page - Maxim Integrated Products DS1886 Datasheet HTML 16Page - Maxim Integrated Products DS1886 Datasheet HTML 17Page - Maxim Integrated Products DS1886 Datasheet HTML 18Page - Maxim Integrated Products DS1886 Datasheet HTML 19Page - Maxim Integrated Products DS1886 Datasheet HTML 20Page - Maxim Integrated Products DS1886 Datasheet HTML 21Page - Maxim Integrated Products DS1886 Datasheet HTML 22Page - Maxim Integrated Products DS1886 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
19
Detailed Description
The DS1886 integrates the control and monitoring func-
tionality required to implement an SFP or PON ONU
system using the Maxim MAX3710 or other compatible
laser driver and limiting amplifier. Key components of the
DS1886 are shown in the Block Diagram and described
in subsequent sections.
Monitors and Fault Detection
Monitors
The DS1886 monitors five ADC channels. This monitoring
combined with the alarm enables (A2h Table 01h/05h)
determines when/if the DS1886 turns off the MAX3710
DACs and triggers the TXFOUT and TXDOUT outputs.
All the monitoring levels and interrupt masks are user-
programmable. See Figure 1a.
Table 1. Acronyms
Figure 1a. ADC Channel Only for TXP when BURST_MODE = 1 in Table 02h, Register 89h
Figure 1b. ADC Channel
ACRONYM
DESCRIPTION
ADC
Analog-to-Digital Converter
APC
Automatic Power Control
APD
Avalanche Photodiode
DAC
Digital-to-Analog Converter
LOS
Loss of Signal
LUT
LUT
NV
Nonvolatile
QT
Quick Trip
ROSA
Receiver Optical Subassembly
SEE
Shadowed EEPROM
ACRONYM
DESCRIPTION
SFF
Small Form Factor
SFF-8472
Document Defining Register Map of SFPs
and SFFs
SFP
Small Form-Factor Pluggable
SFP+
Enhanced SFP
TE
Tracking Error. Deviation from linear of the
relationship between transmitted power and
monitor diode current.
TIA
Transimpedance Amplifier
TOSA
Transmit Optical Subassembly
TXP
Transmit Power
16
16
OFFSET
REGISTERS
16
16
RIGHT-SHIFT2
DETERMINED
BY KRMD
COMPARE
(MD0REGH[7:0] + 8
x MD1REGH[7:0])
65,536
TXP SCALE
TXFINT
SHIFT
ALARM AND WARNING
THRESHOLDS
RESULTS
REGISTERS
ALARM/
WARNING
FLAGS
ALARM/
WARNING
ENABLES
COUPLED*
SHIFT
RIGHT-SHIFT1
DETERMINED
BY KIMD
(A)
*USER HAS TO CALIBRATE THE GAIN USING THE SCALE REGISTERS
IN CASE RIGHT-SHIFTING IS DESIRED IN ORDER TO MAINTAIN CORRECT BIT WEIGHTING.
x
TXP =
ADC
13
OFFSET
REGISTERS
SCALE
REGISTERS
13
13
RIGHT-SHIFT
SETTINGS
COMPARE
ANALOG INPUT
TXFINT
SHIFT
ALARM AND WARNING
THRESHOLDS
ALARM/
WARNING
FLAGS
ALARM/
WARNING
ENABLES
COUPLED*
*USER HAS TO CALIBRATE THE GAIN USING THE SCALE REGISTERS
IN CASE RIGHT-SHIFTING IS DESIRED IN ORDER TO MAINTAIN CORRECT BIT WEIGHTING.
(B)
13
RESULTS
REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com