Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 45Page - Maxim Integrated Products DS1886 Datasheet HTML 46Page - Maxim Integrated Products DS1886 Datasheet HTML 47Page - Maxim Integrated Products DS1886 Datasheet HTML 48Page - Maxim Integrated Products DS1886 Datasheet HTML 49Page - Maxim Integrated Products DS1886 Datasheet HTML 50Page - Maxim Integrated Products DS1886 Datasheet HTML 51Page - Maxim Integrated Products DS1886 Datasheet HTML 52Page - Maxim Integrated Products DS1886 Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
49
A2h Lower Memory, Register 6Eh: STATUS
POWER-ON VALUE
X0XX 0XXXb
READ ACCESS
All
WRITE ACCESS
See below description
MEMORY TYPE
Volatile
Write Access
N/A
All
N/A
All
All
N/A
N/A
N/A
6Eh
TXDS
TXDC
TXFIS
RSELS
RESERVED
TXFOUTS
RXL
RDYB
BIT 7
BIT 0
BIT 7
TXDS: TXD status bit. Reflects the logic state of the TXD pin (read-only).
0 = TXD pin is logic-low.
1 = TXD pin is logic-high.
BIT 6
TXDC: TXD software control bit. This bit allows for software control that is identical to the TXD pin.
See the section on TXD for further information. Its value is wired-ORed with the logic value of the
TXD pin (writable by all users).
0 = (Default)
1 = Forces the device into a TXD state regardless of the value of the TXD pin.
BIT 5
TXFIS: Reflects the status of the TXF pin. The status will also include any inversion caused by the
INVTXFI bit (read-only).
0 = TXF pin is low (after any inversion caused by the INVTXFI bit).
1 = TXF pin is high (after any inversion caused by the INVTXFI bit).
BIT 4
RSELS: RSEL status bit. Reflects the logic state of the RSEL pin (read-only).
0 = RSEL pin is logic-low.
1 = RSEL pin is logic-high.
BIT 3
RESERVED
BIT 2
TXFOUTS: TXFOUT status. Indicates the state the open drain output is attempting to achieve.
0 = TXFOUT is pulling low.
1 = TXFOUT is high impedance.
BIT 1
RXL: Reflects the driven state of the LOS pin (read-only).
0 = LOS pin is driven low.
1 = LOS pin is pulled high.
BIT 0
RDYB: Ready bar.
0 = VCC is above POA.
1 = VCC is below POA and/or too low to communicate over the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com