Electronic Components Datasheet Search
  English  ▼

X  

DS1886 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # DS1886
Description  SFP and PON ONU Controller with Digital LDD Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1886 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button DS1886 Datasheet HTML 17Page - Maxim Integrated Products DS1886 Datasheet HTML 18Page - Maxim Integrated Products DS1886 Datasheet HTML 19Page - Maxim Integrated Products DS1886 Datasheet HTML 20Page - Maxim Integrated Products DS1886 Datasheet HTML 21Page - Maxim Integrated Products DS1886 Datasheet HTML 22Page - Maxim Integrated Products DS1886 Datasheet HTML 23Page - Maxim Integrated Products DS1886 Datasheet HTML 24Page - Maxim Integrated Products DS1886 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
DS1886
SFP and PON ONU Controller
with Digital LDD Interface
21
Figure 2. ADC Round-Robin Timing
RIGHT-SHIFT2 is determined by KRMD[1:0],
TXCTRL3[2:1] as follows:
Right-Shifting ADC Result
The right-shift operation on the ADC result is carried out
based on the contents of right-shift control registers (A2h
Table 02h, Register 8Eh and A2h Table 02h, Register
8Fh) in EEPROM. TXB, TXP, RSSIC, and RSSIF have 3
bits allocated to set the number of right-shifts. The user
must calibrate the corresponding monitors to achieve the
correct LSB weighting. Up to seven right-shift operations
are allowed and are executed as a part of every conver-
sion before the results are compared to the high and low
alarm levels, or loaded into their corresponding measure-
ment registers (Lower Memory, Registers 64h–69h). This
is true during the setup of internal calibration as well as
during subsequent data conversions.
In burst mode, right-shifting for TXP is determined by
KIMD and KRMD.
Differential RSSI Input
The DS1886 offers a fully differential input for RSSI
that enables high-side monitoring of RSSI, as shown in
Figure 3. This reduces board complexity by eliminating
the need for a high-side differential amplifier or a cur-
rent mirror.
Figure 3. RSSI Differential Input for High-Side RSSI
KRMD[1:0]
TXCTRL3[4:3]
NO. OF RIGHT-SHIFTS
00
2
01
1
10
0
11
0
TEMP
VCC
TXB
RSSIC
TOGGLE MON_SEL
RSSIF
TXP
TEMP
tRR
NOTE: IF VCC LO ALARM OR WARNING IS ENABLED AT POWER-UP, THE ADC ROUND-ROBIN TIMING CYCLES BETWEEN TEMPERATURE AND VCC ONLY UNTIL VCC IS ABOVE
THE VCC LO ALARM THRESHOLD.
TOGGLE MON_SEL
RSSIP
RSSIN
ADC
680
Ω
ROSA
VCC
DS1886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com