Electronic Components Datasheet Search
  English  ▼

X  

MAX5713 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5713
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5713 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5713 Datasheet HTML 9Page - Maxim Integrated Products MAX5713 Datasheet HTML 10Page - Maxim Integrated Products MAX5713 Datasheet HTML 11Page - Maxim Integrated Products MAX5713 Datasheet HTML 12Page - Maxim Integrated Products MAX5713 Datasheet HTML 13Page - Maxim Integrated Products MAX5713 Datasheet HTML 14Page - Maxim Integrated Products MAX5713 Datasheet HTML 15Page - Maxim Integrated Products MAX5713 Datasheet HTML 16Page - Maxim Integrated Products MAX5713 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and SPI Interface
MAX5713/MAX5714/MAX5715
Typical Operating Characteristics (continued)
(MAX5715, 12-bit performance, TA = +25°C, unless otherwise noted.)
0.1Hz TO 10Hz OUTPUT NOISE, EXTERNAL
REFERENCE (VDD = 5V, VREF = 4.5V)
MAX5713 toc31
2µV/div
MIDSCALE UNLOADED
VP-P = 12µV
4s/div
0.1Hz TO 10Hz OUTPUT NOISE, INTERNAL
REFERENCE (VDD = 5V, VREF = 2.048V)
MAX5713 toc32
2µV/div
MIDSCALE UNLOADED
VP-P = 13µV
4s/div
0.1Hz TO 10Hz OUTPUT NOISE, INTERNAL
REFERENCE (VDD = 5V, VREF = 2.5V)
MAX5713 toc33
2µV/div
MIDSCALE UNLOADED
VP-P = 15µV
4s/div
VREF DRIFT vs. TEMPERATURE
TEMPERATURE DRIFT (ppm/°C)
5.0
4.5
4.0
3.5
3.0
2.5
10
20
30
40
50
60
0
2.0
5.5
VDD = 2.7V, VREF = 2.5V (INTERNAL),
BOX METHOD
0.1Hz TO 10Hz OUTPUT NOISE, INTERNAL
REFERENCE (VDD = 5V, VREF = 4.096V)
MAX5713 toc34
2µV/div
MIDSCALE UNLOADED
VP-P = 16µV
4s/div
REFERENCE LOAD REGULATION
REFERENCE OUTPUT CURRENT (µA)
450
400
350
300
250
200
150
100
50
-0.8
-0.6
-0.4
-0.2
0
-1.0
0
500
VDD = 5V
INTERNAL REFERENCE
VREF = 2.048V, 2.5V, AND 4.096V
SUPPLY CURRENT vs. LOGIC VOLTAGE
INPUT LOGIC VOLTAGE (V)
4
3
2
1
300
600
900
1200
1500
1800
2100
2400
2700
3000
0
05
VDDIO = 5V
VDDIO = 3V
VDDIO = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com