Electronic Components Datasheet Search
  English  ▼

X  

MAX5713 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5713
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5713 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5713 Datasheet HTML 2Page - Maxim Integrated Products MAX5713 Datasheet HTML 3Page - Maxim Integrated Products MAX5713 Datasheet HTML 4Page - Maxim Integrated Products MAX5713 Datasheet HTML 5Page - Maxim Integrated Products MAX5713 Datasheet HTML 6Page - Maxim Integrated Products MAX5713 Datasheet HTML 7Page - Maxim Integrated Products MAX5713 Datasheet HTML 8Page - Maxim Integrated Products MAX5713 Datasheet HTML 9Page - Maxim Integrated Products MAX5713 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and SPI Interface
MAX5713/MAX5714/MAX5715
6
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage (Note 11)
VIL
2.2V < VDDIO < 5.5V
0.3 x
VDDIO
V
1.8V < VDDIO < 2.2V
0.2 x
VDDIO
Input Leakage Current
IIN
VIN = 0V or VDDIO (Note 11)
Q
0.1
Q
1
F
A
Input Capacitance (Note 10)
CIN
10
pF
DIGITAL OUTPUT (RDY)
Output High Voltage
VOH
VDDIO > 2.5V, ISOURCE = 3mA
VDDIO
- 0.2
V
VDDIO > 1.8V, ISOURCE = 2mA
VDDIO
- 0.2
V
Output Low Voltage
VOL
VDDIO > 2.5V, ISINK = 3mA
0.2
V
VDDIO > 1.8V, ISINK = 2mA
0.2
V
Output Short-Circuit Current
IOSS
ISINK, ISOURCE
±100
mA
SPI TIMING CHARACTERISTICS (CSB, SCLK, DIN, RDY
)
SCLK Frequency
fSCLK
2.7V < VDDIO < 5.5V, standalone,
daisy chain (Note 12)
0
50
MHz
0
20
1.8V < VDDIO < 2.7V, standalone,
daisy chain (Note 12)
0
33
0
20
SCLK Period
tSCLK
2.7V < VDDIO < 5.5V
20
ns
1.8V < VDDIO < 2.7V
30
SCLK Pulse Width High
tCH
8
ns
SCLK Pulse Width Low
tCL
8
ns
CSB Fall to SCLK Fall Setup Time
tCSS0
To first SCLK falling edge
8
ns
CSB Fall to SCLK Fall Hold Time
tCSH0
Applies to inactive SCLK falling edge
preceding the first SCLK falling edge
0
ns
CSB Rise to SCLK Fall Hold Time
tCSH1
Applies to the 24th SCLK falling edge
0
ns
CSB Rise to SCLK Fall
tCSA
Applies to the 24th SCLK falling edge,
aborted sequence
12
ns
SCLK Fall to CSB Fall
tCSF
Applies to 24th SCLK falling edge
100
ns
CSB Pulse Width High
tCSPW
20
ns
DIN to SCLK Fall Setup Time
tDS
5
ns
DIN to SCLK Fall Hold Time
tDH
4.5
ns
CLR Pulse Width Low
tCLPW
20
ns
CLR Rise to CSB Fall
tCSC
Required for command to be executed
20
ns
LDAC Pulse Width Low
tLDPW
20
ns
LDAC Fall to SCLK Fall Hold
tLDH
A
pplies to 24th SCLK falling edge,
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com